Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 168Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 169Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 170Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 171Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 172Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 173Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 174Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 175Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
172
Freescale Semiconductor
Operation:
(M(X) : M(X+1)) × (M(Y) : M(Y+1)) + (M ~ M+3) ⇒ M ~ M+3
Description:
A 16-bit value is multiplied by a 16-bit value to produce a 32-bit intermediate
result. This 32-bit intermediate result is then added to the content of a 32-bit
accumulator in memory. EMACS is a signed integer operation. All operands
and results are located in memory. When the EMACS instruction is
executed, the first source operand is fetched from an address pointed to by
X, and the second source operand is fetched from an address pointed to by
index register Y. Before the instruction is executed, the X and Y index
registers must contain values that point to the most significant bytes of the
source operands. The most significant byte of the 32-bit result is specified
by an extended address supplied with the instruction.
EMACS
Extended Multiply and Accumulate
(Signed)
16-Bit by 16-Bit to 32-Bit
EMACS
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆∆∆
N: Set if MSB of result is set; cleared otherwise
Z: Set if result is $00000000; cleared otherwise
V: M31
• I31 • R31 + M31 • I31 • R31
Set if result > $7FFFFFFF (+ overflow) or
< $80000000 (– underflow)
Indicates two’s complement overflow
C: M15
• I15 + I15 • R15 + R15 • M15
Set if there was a carry from bit 15 of the result; cleared otherwise
Indicates a carry from low word to high word of the result occurred
Source Form(1)
1. opr16a is an extended address specification. Both X and Y point to source operands.
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
EMACS opr16a
Special
18 12 hh ll
ORROfffRRfWWP
ORROfffRRfWWP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com