Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 172Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 173Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 174Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 175Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 176Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 177Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 178Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 179Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
176
Freescale Semiconductor
Operation:
MIN ((D), (M : M + 1))
⇒ M : M + 1
Description:
Subtracts an unsigned 16-bit value in memory from an unsigned 16-bit
value in double accumulator D to determine which is larger and leaves the
smaller of the two values in the memory location. The Z status bit is set
when the result of the subtraction is zero (the values are equal), and the C
status bit is set when the subtraction requires a borrow (the value in memory
is larger than the value in the accumulator). When C = 1, the value in D has
replaced the value in memory.
The unsigned value in memory is accessed by means of indexed
addressing modes, which allow a great deal of flexibility in specifying the
address of the operand.
EMINM
Place Smaller of Two
Unsigned 16-Bit Values
in Memory
EMINM
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆∆∆
N: Set if MSB of result is set; cleared otherwise
Z:
Set if result is $0000; cleared otherwise
V:
D15
• M15 • R15 + D15 • M15 • R15
Set if a two’s complement overflow resulted from the operation;
cleared otherwise
C: D15
• M15 + M15 • R15 + R15 • D15
Set if the value of the content of memory is larger than the value of
the accumulator; cleared otherwise
Condition codes reflect internal subtraction (R = D – M : M + 1)
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
EMINM oprx0_xysp
EMINM oprx9,xysp
EMINM oprx16,xysp
EMINM [D,xysp]
EMINM [oprx16,xysp]
IDX
IDX1
IDX2
[D,IDX]
[IDX2]
18 1F xb
18 1F xb ff
18 1F xb ee ff
18 1F xb
18 1F xb ee ff
ORPW
ORPWO
OfRPWP
OfIfRPW
OfIPRPW
ORPW
ORPWO
OfRPWP
OfIfRPW
OfIPRPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com