Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 174Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 175Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 176Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 177Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 178Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 179Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 180Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 181Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
178
Freescale Semiconductor
A
Operation:
(D)
× (Y) ⇒ Y : D
Description:
A signed 16-bit value is multiplied by a signed 16-bit value to produce a
signed 32-bit result. The first source operand must be loaded into 16-bit
double accumulator D, and the second source operand must be loaded into
index register Y before executing the instruction. When the instruction is
executed, D is multiplied by the value Y. The 16 high-order bits of the 32-bit
result are stored in Y and the 16 low-order bits of the result are stored in D.
The C status bit can be used to round the high-order 16 bits of the result.
EMULS
Extended Multiply
16-Bit by 16-Bit (Signed)
EMULS
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆
–
∆
N: Set if the MSB of the result is set; cleared otherwise
Z: Set if result is $00000000; cleared otherwise
C: Set if bit 15 of the result is set; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
EMULS
INH
18 13
OfO
OffO
(1)
1. EMULS has an extra free cycle if it is followed by another PAGE TWO instruction.
OfO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com