Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 192Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 193Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 194Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 195Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 196Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 197Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 198Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 199Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 452 page
background image
Instruction Glossary
S12CPUV2 Reference Manual, Rev. 4.0
196
Freescale Semiconductor
Operation:
If C = 0, then (PC) + $0004 + Rel
⇒ PC
Simple branch
Description:
Tests the C status bit and branches if C = 0.
See 3.8 Relative Addressing Mode for details of branch execution.
LBCC
Long Branch if Carry Cleared
(Same as LBHS)
LBCC
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
LBCC rel16
REL
18 24 qq rr
OPPP/OPO
(1)
1. OPPP/OPO indicates this instruction takes four cycles to refill the instruction queue if the branch is taken and three cycles
if the branch is not taken.
OPPP/OPO(1)
Branch
Complementary Branch
Test
Mnemonic
Opcode
Boolean
Test
Mnemonic
Opcode
Comment
r>m
LBGT
18 2E
Z
+ (N ⊕ V) = 0
r
≤m
LBLE
18 2F
Signed
r
≥m
LBGE
18 2C
N
⊕ V = 0
r<m
LBLT
18 2D
Signed
r=m
LBEQ
18 27
Z = 1
r
≠m
LBNE
18 26
Signed
r
≤m
LBLE
18 2F
Z
+ (N ⊕ V) = 1
r>m
LBGT
18 2E
Signed
r<m
LBLT
18 2D
N
⊕ V = 1
r
≥m
LBGE
18 2C
Signed
r>m
LBHI
18 22
C
+ Z = 0
r
≤m
LBLS
18 23
Unsigned
r
≥m
LBHS/LBCC
18 24
C = 0
r<m
LBLO/LBCS
18 25
Unsigned
r=m
LBEQ
18 27
Z = 1
r
≠m
LBNE
18 26
Unsigned
r
≤m
LBLS
18 23
C
+ Z = 1
r>m
LBHI
18 22
Unsigned
r<m
LBLO/LBCS
18 25
C = 1
r
≥m
LBHS/LBCC
18 24
Unsigned
Carry
LBCS
18 25
C = 1
No Carry
LBCC
18 24
Simple
Negative
LBMI
18 2B
N = 1
Plus
LBPL
18 2A
Simple
Overflow
LBVS
18 29
V = 1
No Overflow
LBVC
18 28
Simple
r=0
LBEQ
18 27
Z = 1
r
≠0
LBNE
18 26
Simple
Always
LBRA
18 20
—
Never
LBRN
18 21
Unconditional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com