Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 195Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 196Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 197Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 198Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 199Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 200Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 201Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 202Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
199
Operation:
If N
⊕ V = 0, (PC) + $0004 + Rel ⇒ PC
For signed two’s complement numbers, if (Accumulator)
≥ Memory), then
branch
Description:
LBGE can be used to branch after subtracting or comparing signed two’s
complement values. After CMPA, CMPB, CPD, CPS, CPX, CPY, SBCA,
SBCB, SUBA, SUBB, or SUBD, the branch occurs if the CPU register value
is greater than or equal to the value in M. After CBA or SBA, the branch
occurs if the value in B is greater than or equal to the value in A.
See 3.8 Relative Addressing Mode for details of branch execution.
LBGE Long Branch if Greater Than or Equal to Zero LBGE
CCR Details:
S
X
HIN
Z
V
C
––––––––
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
LBGE rel16
REL
18 2C qq rr
OPPP/OPO
(1)
1. OPPP/OPO indicates this instruction takes four cycles to refill the instruction queue if the branch is taken and three cycles
if the branch is not taken.
OPPP/OPO(1)
Branch
Complementary Branch
Test
Mnemonic
Opcode
Boolean
Test
Mnemonic
Opcode
Comment
r>m
LBGT
18 2E
Z
+ (N ⊕ V) = 0
r
≤m
LBLE
18 2F
Signed
r
≥m
LBGE
18 2C
N
⊕ V = 0
r<m
LBLT
18 2D
Signed
r=m
LBEQ
18 27
Z = 1
r
≠m
LBNE
18 26
Signed
r
≤m
LBLE
18 2F
Z
+ (N ⊕ V) = 1
r>m
LBGT
18 2E
Signed
r<m
LBLT
18 2D
N
⊕ V = 1
r
≥m
LBGE
18 2C
Signed
r>m
LBHI
18 22
C
+ Z = 0
r
≤m
LBLS
18 23
Unsigned
r
≥m
LBHS/LBCC
18 24
C = 0
r<m
LBLO/LBCS
18 25
Unsigned
r=m
LBEQ
18 27
Z = 1
r
≠m
LBNE
18 26
Unsigned
r
≤m
LBLS
18 23
C
+ Z = 1
r>m
LBHI
18 22
Unsigned
r<m
LBLO/LBCS
18 25
C = 1
r
≥m
LBHS/LBCC
18 24
Unsigned
Carry
LBCS
18 25
C = 1
No Carry
LBCC
18 24
Simple
Negative
LBMI
18 2B
N = 1
Plus
LBPL
18 2A
Simple
Overflow
LBVS
18 29
V = 1
No Overflow
LBVC
18 28
Simple
r=0
LBEQ
18 27
Z = 1
r
≠0
LBNE
18 26
Simple
Always
LBRA
18 20
—
Never
LBRN
18 21
Unconditional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com