Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 44 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
REV. C
–44–
ADT7463
Table XXII. Register 0x63 – Enhance Acoustics Reg 2 (Power-On Default = 0x00)
Bit
Name
R/W*
Description
<2:0>
ACOU3
Read/Write
These bits select the ramp rate applied to the PWM3 output. Instead of PWM3 jump-
ing instantaneously to its newly calculated speed, PWM3 ramps gracefully at the rate
determined by these bits. This effect enhances the acoustics of the fan being driven by the
PWM3 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 s
001 = 2
17.6 s
010 = 3
11.8 s
011 = 5
7 s
100 = 8
4.4 s
101 = 12
3 s
110 = 24
1.6 s
111 = 48
0.8 s
<3>
EN3
Read/Write
When this bit is 1, acoustic enhancement is enabled on PWM3 output.
<6:4>
ACOU2
Read/Write
These bits select the ramp rate applied to the PWM2 output. Instead of PWM2
jumping instantaneously to its newly calculated speed, PWM2 ramps gracefully at the
rate determined by these bits. This effect enhances the acoustics of the fans being driven
by the PWM2 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 s
001 = 2
17.6 s
010 = 3
11.8 s
011 = 5
7 s
100 = 8
4.4 s
101 = 12
3 s
110 = 24
1.6 s
111 = 48
0.8 s
<7>
EN2
Read/Write
When this bit is 1, acoustic enhancement is enabled on PWM2 output.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Rev. 4 | Page 44 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com