Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 19 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
REV. C
ADT7463
–19–
LIMITS, STATUS REGISTERS, AND INTERRUPTS
Limit Values
Associated with each measurement channel on the ADT7463
are high and low limits. These can form the basis of system
status monitoring: a status bit can be set for any out-of-limit
condition and detected by polling the device. Alternatively,
SMBALERT interrupts can be generated to flag a processor or
microcontroller of out-of-limit conditions.
8-Bit Limits
The following is a list of 8-bit limits on the ADT7463.
Voltage Limit Registers
Reg. 0x44 2.5 V Low Limit = 0x00 Default
Reg. 0x45 2.5 V High Limit = 0xFF Default
Reg. 0x46 VCCP Low Limit = 0x00 Default
Reg. 0x47 VCCP High Limit = 0xFF Default
Reg. 0x48 VCC Low Limit = 0x00 Default
Reg. 0x49 VCC High Limit = 0xFF Default
Reg. 0x4A 5 V Low Limit = 0x00 Default
Reg. 0x4B 5 V High Limit = 0xFF Default
Reg. 0x4C 12 V Low Limit = 0x00 Default
Reg. 0x4D 12 V High Limit = 0xFF Default
Temperature Limit Registers
Reg. 0x4E Remote 1 Temp Low Limit = 0x81 Default
Reg. 0x4F Remote 1 Temp High Limit = 0x7F Default
Reg. 0x6A Remote 1 THERM
THERM
THERM
THERM
THERM
Limit = 0x64 Default
Reg. 0x50 Local Temp Low Limit = 0x81 Default
Reg. 0x51 Local Temp High Limit = 0x7F Default
Reg. 0x6B Local THERM
THERM
THERM
THERM
THERM
Limit = 0x64 Default
Reg. 0x52 Remote 2 Temp Low Limit = 0x81 Default
Reg. 0x53 Remote 2 Temp High Limit = 0x7F Default
Reg. 0x6C Remote 2 THERM
THERM
THERM
THERM
THERM
Limit = 0x64 Default
THERM Limit Register
Reg. 0x7A THERM
THERM
THERM
THERM
THERM
Limit = 0x00 Default
16-Bit Limits
The fan TACH measurements are 16-bit results. The fan TACH
limits are also 16 bits, consisting of a high byte and low byte.
Since fans running under speed or stalled are normally the only
conditions of interest, only high limits exist for fan TACHs. Since
fan TACH period is actually being measured, exceeding the limit
indicates a slow or stalled fan.
Fan Limit Registers
Reg. 0x54 TACH1 Minimum Low Byte = 0xFF Default
Reg. 0x55 TACH1 Minimum High Byte = 0xFF Default
Reg. 0x56 TACH2 Minimum Low Byte = 0xFF Default
Reg. 0x57 TACH2 Minimum High Byte = 0xFF Default
Reg. 0x58 TACH3 Minimum Low Byte = 0xFF Default
Reg. 0x59 TACH3 Minimum High Byte = 0xFF Default
Reg. 0x5A TACH4 Minimum Low Byte = 0xFF Default
Reg. 0x5B TACH4 Minimum High Byte = 0xFF Default
Out-of-Limit Comparisons
Once all limits are programmed, the ADT7463 can be enabled
for monitoring. The ADT7463 measures all parameters in
round-robin format and sets the appropriate status bit for out-
of-limit conditions. Comparisons are done differently depending
on whether the measured value is being compared to a high or
low limit.
HIGH LIMIT: > COMPARISON PERFORMED
LOW LIMIT: < OR = COMPARISON PERFORMED
NO INT
LOW LIMIT
TEMP >
LOW LIMIT
Figure 17. Temperature > Low Limit: No INT
Rev. 4 | Page 19 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com