Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 31 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
REV. C
ADT7463
–31–
By reading the PWMx current duty cycle registers, users can
keep track of the current duty cycle on each PWM output, even
when the fans are running in automatic fan speed control mode
or acoustic enhancement mode.
VARY PWM DUTY
CYCLE WITH 8-BIT
RESOLUTION
Figure 38. Control PWM Duty Cycle Manually with
a Resolution of 0.39%
OPERATING FROM 3.3 V STANDBY
The ADT7463 has been specifically designed to operate from a
3.3 V STBY supply. In computers that support S3 and S5
states, the core voltage of the processor is lowered in these states.
If using the dynamic TMIN mode, lowering the core voltage of
the processor would change the CPU temperature and change
the dynamics of the system under dynamic TMIN control. Like-
wise, when monitoring THERM, the THERM timer should
be disabled during these states.
DYNAMIC TMIN CONTROL REGISTER 1 (REG. 0x36)
<1> VCCPLO = 1
When the power is supplied from 3.3 V STBY and the VCCP
voltage drops below the VCCP low limit, the following occurs:
• Status Bit 1 (VCCP) in Status Register 1 gets set.
• SMBALERT gets generated if enabled.
• THERM monitoring is disabled. The THERM timer
should hold its value prior to the S3 or S5 state.
• Dynamic TMIN control is disabled. This prevents TMIN
from being adjusted due to an S3 or S5 state.
• The ADT7463 is prevented from entering the shutdown
state.
Once the core voltage, VCCP, goes above the VCCP low limit, every-
thing gets re-enabled and the system resumes normal operation.
Note that since other voltages can drop or be turned off during
a low power state, these voltage channels set status bits or
generate SMBALERTs. It is still necessary to mask out these
channels prior to entering a low power state using the interrupt
mask registers. When exiting the low power state, the mask bits
can be cleared. This prevents the device from generating
unwanted SMBALERTs during the low power state.
XOR TREE TEST MODE
The ADT7463 includes an XOR Tree Test Mode. This mode is
useful for in-circuit test equipment at board-level testing. By
applying stimulus to the pins included in the XOR Tree, it is
possible to detect opens or shorts on the system board. Figure 39
shows the signals that are exercised in the XOR Tree Test Mode.
PWM1/XTO
PWM3
PWM2
TACH4
TACH3
TACH2
TACH1
VID4
VID3
VID2
VID1
VID0
Figure 39. XOR Tree Test
The XOR Tree Test is invoked by setting Bit 0 (XEN) of the
XOR Tree Test Enable Register (Reg. 0x6F).
POWER-ON DEFAULT
The ADT7463 does not monitor temperature and fan speed by
default on power-up. Monitoring of temperature and fan speed
is enabled by setting the Start Bit in Configuration Register 1
(Bit 0, Address 0
×40) to 1. The fans run at full speed on power-
up. This is because the BHVR bits (Bits 7:5) in the PWMx
configuration registers are set to 100 (fans run full speed) by default.
Rev. 4 | Page 31 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com