Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
REV. C
–16–
ADT7463
D+
D–
REMOTE
SENSING
TRANSISTOR
I
N � I
IBIAS
VDD
VOUT+
TO ADC
VOUT–
BIAS
DIODE
LOW-PASS
FILTER
fC = 65kHz
THERMDA
THERMDC
CPU
Figure 14. Signal Conditioning for Remote Diode Temperature Sensors
TEMPERATURE MEASUREMENT SYSTEM
Local Temperature Measurement
The ADT7463 contains an on-chip band gap temperature sensor
whose output is digitized by the on-chip 10-bit ADC. The 8-bit
MSB temperature data is stored in the local temperature register
(Address 26h). As both positive and negative temperatures can be
measured, the temperature data is stored in twos complement
format, as shown in Table III. Theoretically, the temperature sensor
and ADC can measure temperatures from –128�C to +127�C
with a resolution of 0.25�C. However, this exceeds the operating
temperature range of the device, so local temperature measure-
ments outside this range are not possible.
Remote Temperature Measurement
The ADT7463 can measure the temperature of two remote diode
sensors or diode-connected transistors connected to Pins 15 and
16, or 17 and 18.
The forward voltage of a diode or diode-connected transistor
operated at a constant current exhibits a negative temperature
coefficient of about –2 mV/�C. Unfortunately, the absolute
value of VBE varies from device to device and individual calibra-
tion is required to null this out, so the technique is unsuitable
for mass production. The technique used in the ADT7463 is to
measure the change in VBE when the device is operated at two
different currents.
This is given by
∆V
KT q
N
BE =× ln(
)
where:
K is Boltzmann’s constant.
q is the charge on the carrier.
T is the absolute temperature in Kelvins.
N is the ratio of the two currents.
Figure 14 shows the input signal conditioning used to measure
the output of a remote temperature sensor. This figure shows the
external sensor as a substrate transistor, provided for temperature
monitoring on some microprocessors. It could equally well be a
discrete transistor, such as a 2N3904.
Rev. 4 | Page 16 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com