Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 39 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
REV. C
ADT7463
–39–
Table XIV. Register 0x42 – Interrupt Status Register 2 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<0>
12V/VC
Read-Only
A one indicates the 12 V high or low limit has been exceeded. This bit gets cleared on a read
of the status register only if the error condition has subsided. If Pin 21 is configured as VID5,
this bit is the VID change bit. This bit gets set when the levels on VID0 to VID5 are different
than they were 11
µs previously. This can be used to generate an SMBALERT whenever
the VID code changes.
<1>
OVT
Read-Only
A one indicates that one of the THERM overtemperature limits has been exceeded. This
bit gets cleared on a read of the status register when the temperature drops below
THERM – THYST.
<2>
FAN1
Read-Only
A one indicates that Fan 1 has dropped below minimum speed or has stalled.
This bit does NOT get set when the PWM 1 output is off.
<3>
FAN2
Read-Only
A one indicates that Fan 2 has dropped below minimum speed or has stalled.
This bit does NOT get set when the PWM 2 output is off.
<4>
FAN3
Read-Only
A one indicates that Fan 3 has dropped below minimum speed or has stalled.
This bit does NOT get set when the PWM 3 output is off.
<5>
F4P
Read-Only
A one indicates that Fan 4 has dropped below minimum speed or has stalled.
This bit does NOT get set when the PWM 3 output is off.
Read-Only
If Pin 14 or Pin 20 is configured as the THERM timer input for THERM
monitoring, then this bit gets set when the THERM assertion time exceeds the
limit programmed in the THERM Limit Register (Reg. 0x7A).
<6>
D1
Read-Only
A one indicates either an open or short circuit on the Thermal Diode 1 inputs.
<7>
D2
Read-Only
A one indicates either an open or short circuit on the Thermal Diode 2 inputs.
Table XV. Register 0x43 – VID Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<4:0>
VID[4:0]
Read-Only
The VID[4:0] inputs from the CPU to indicate the expected processor core voltage. On
power-up, these bits reflect the state of the VID pins even if monitoring is not enabled.
<5>
VID5
Read-Only
Reads VID5 from the CPU when Bit 7 = 1. If Bit 7 = 0, then the VID5 bit always
reads back 0 (power-on default).
<6>
THLD
Read/Write
This selects the input switching threshold for the VID inputs. THLD = 0 selects a
threshold of 1 V (VOL < 0.8 V, VIH > 1.7 V). THLD = 1 lowers the switching threshold
to 0.6 V (VOL < 0.4 V, VIH > 0.8 V).
<7>
VIDSEL
Read/Write
VIDSEL = 0 configures Pin 21 as the 12 V measurement input (default).
VIDSEL = 1 configures Pin 21 as the VID5 input. This also allows VID code
changes to be detected.
Table XVI. Voltage Limit Registers
Register Address
R/W
Description
Power-On Default
0x44
Read/Write
2.5 V Low Limit
0x00
0x45
Read/Write
2.5 V High Limit
0xFF
0x46
Read/Write
VCCP Low Limit
0x00
0x47
Read/Write
VCCP High Limit
0xFF
0x48
Read/Write
VCC Low Limit
0x00
0x49
Read/Write
VCC High Limit
0xFF
0x4A
Read/Write
5 V Low Limit
0x00
0x4B
Read/Write
5 V High Limit
0xFF
0x4C
Read/Write
12 V Low Limit
0x00
0x4D
Read/Write
12 V High Limit
0xFF
Setting the Configuration Register 1 Lock bit has no effect on these registers.
High Limits: An interrupt is generated when a value exceeds its high limit (> comparison).
Low Limits: An interrupt is generated when a value is equal to or below its low limit (
≤ comparison).
Rev. 4 | Page 39 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com