Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
REV. C
–12–
ADT7463
ADT7463 WRITE OPERATIONS
The SMBus specification defines several protocols for different
types of read and write operations. The ones used in the ADT7463
are discussed below. The following abbreviations are used in the
diagrams:
S – START
P– STOP
R– READ
W – WRITE
A– ACKNOWLEDGE
A – NO ACKNOWLEDGE
The ADT7463 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single command
byte to a slave device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master asserts a stop condition on SDA and the
transaction ends.
For the ADT7463, the send byte protocol is used to write a
register address to RAM for a subsequent single byte read from
the same address. This is illustrated in Figure 10.
S
SLAVE
ADDRESS
WA
A P
1
2
3
4
56
REGISTER
ADDRESS
Figure 10. Setting a Register Address for Subsequent Read
If it is required to read data from the register immediately after
setting up the address, the master can assert a repeat start con-
dition immediately after the final ACK and carry out a single
byte read without asserting an intermediate stop condition.
Write Byte
In this operation, the master device sends a command byte and
one data byte to the slave device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master sends a data byte.
7. The slave asserts ACK on SDA.
8. The master asserts a stop condition on SDA to end the
transaction.
This is illustrated in Figure 11.
S
SLAVE
ADDRESS
WA
1
2
3
4
56
A DATA AP
78
REGISTER
ADDRESS
Figure 11. Single Byte Write to a Register
ADT7463 READ OPERATIONS
The ADT7463 uses the following SMBus read protocols.
Receive Byte
This is useful when repeatedly reading a single register. The
register address needs to have been set up previously. In this
operation, the master device receives a single byte from a slave
device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7-bit slave address followed by the
read bit (high).
3. The addressed slave device asserts ACK on SDA.
4. The master receives a data byte.
5. The master asserts NO ACK on SDA.
6. The master asserts a stop condition on SDA and the trans-
action ends.
In the ADT7463, the receive byte protocol is used to read a
single byte of data from a register whose address has previously
been set by a send byte or write byte operation.
S
SLAVE
ADDRESS
RA DATA A P
1
2
3
4
56
Figure 12. Single Byte Read from a Register
ALERT RESPONSE ADDRESS
Alert response address (ARA) is a feature of SMBus devices that
allows an interrupting device to identify itself to the host when
multiple devices exist on the same bus.
The SMBALERT output can be used as an interrupt output or
can be used as an SMBALERT. One or more outputs can be
connected to a common SMBALERT line connected to the
master. If a device’s SMBALERT line goes low, the following
procedure occurs:
1. SMBALERT is pulled low.
2. Master initiates a read operation and sends the alert response
address (ARA = 0001 100). This is a general call address
that must not be used as a specific device address.
3. The device whose SMBALERT output is low responds to
the alert response address, and the master reads its device
address. The address of the device is now known and it can
be interrogated in the usual way.
4. If more than one device’s SMBALERT output is low, the one
with the lowest device address will have priority in accordance
with normal SMBus arbitration.
5. Once the ADT7463 has responded to the alert response
address, the master must read the status registers and the
SMBALERT will only be cleared if the error condition has
gone away.
SMBUS TIMEOUT
The ADT7463 includes an SMBus timeout feature. If there is
no SMBus activity for 35 ms, the ADT7463 assumes that the bus
is locked and releases the bus. This prevents the device from
locking or holding the SMBus expecting data. Some SMBus
controllers cannot handle the SMBus timeout feature, so it
can be disabled.
CONFIGURATION REGISTER 1 – Register 0x40
<6> TODIS = 0; SMBus Timeout ENABLED (Default)
<6> TODIS = 1; SMBus Timeout DISABLED
REV. C
ADT7463
–13–
VOLTAGE MEASUREMENT INPUTS
The ADT7463 has four external voltage measurement channels.
It can also measure its own supply voltage, VCC.
Pins 20 to 23 are dedicated to measuring 5 V, 12 V, and 2.5 V
supplies and the processor core voltage VCCP (0 V to 3 V input).
The VCC supply voltage measurement is carried out through
the VCC pin (Pin 4). Setting Bit 7 of Configuration Register 1
(Reg. 0x40) allows a 5 V supply to power the ADT7463 and be
measured without overranging the VCC measurement channel.
The 2.5 V input can be used to monitor a chipset supply voltage
in computer systems.
ANALOG-TO-DIGITAL CONVERTER (ADC)
All analog inputs are multiplexed into the on-chip, successive
approximation, ADC. This has a resolution of 10 bits. The basic
input range is 0 V to 2.25 V, but the inputs have built-in attenu-
ators to allow measurement of 2.5 V, 3.3 V, 5 V, 12 V, and the
processor core voltage VCCP without any external components. To
allow for the tolerance of these supply voltages, the ADC pro-
duces an output of 3/4 full scale (decimal 768 or 300 hex) for
the nominal input voltage and so has adequate headroom to
cope with overvoltages.
INPUT CIRCUITRY
The internal structure for the analog inputs is shown in Figure 13.
Each input circuit consists of an input protection diode, an
attenuator, plus a capacitor to form a first-order, low-pass filter
that gives the input immunity to high frequency noise.
VOLTAGE MEASUREMENT REGISTERS
Reg. 0x20 2.5 V Reading = 0x00 Default
Reg. 0x21 VCCP Reading = 0x00 Default
Reg. 0x22 VCC Reading = 0x00 Default
Reg. 0x23 5 V Reading = 0x00 Default
Reg. 0x24 12 V Reading = 0x00 Default
VOLTAGE MEASUREMENT LIMIT REGISTERS
Associated with each voltage measurement channel are high and
low limit registers. Exceeding the programmed high or low limit
causes the appropriate status bit to be set. Exceeding either limit
can also generate SMBALERT interrupts.
Reg. 0x44 2.5 V Low Limit = 0x00 Default
Reg. 0x45 2.5 V High Limit = 0xFF Default
Reg. 0x46 VCCP Low Limit = 0x00 Default
Reg. 0x47 VCCP High Limit = 0xFF Default
Reg. 0x48 VCC Low Limit = 0x00 Default
Reg. 0x49 VCC High Limit = 0xFF Default
Reg. 0x4A 5 V Low Limit = 0x00 Default
Reg. 0x4B 5 V High Limit = 0xFF Default
Reg. 0x4C 12 V Low Limit = 0x00 Default
Reg. 0x4D 12 V High Limit = 0xFF Default
30pF
120k�
30pF
93k�
MUX
30pF
68k�
30pF
45k�
52.5k�
35pF
17.5k�
94k�
71k�
47k�
20k�
12VIN
5VIN
3.3VIN
2.5VIN
VCCP
Figure 13. Structure of Analog Inputs
Table II shows the input ranges of the analog inputs and output
codes of the 10-bit ADC.
When the ADC is running, it samples and converts a voltage
input in 711
µs and averages 16 conversions to reduce noise;
a measurement on each input takes nominally 11.38 ms.
REV. C
ADT7463
–13–
VOLTAGE MEASUREMENT INPUTS
The ADT7463 has four external voltage measurement channels.
It can also measure its own supply voltage, VCC.
Pins 20 to 23 are dedicated to measuring 5 V, 12 V, and 2.5 V
supplies and the processor core voltage VCCP (0 V to 3 V input).
The VCC supply voltage measurement is carried out through
the VCC pin (Pin 4). Setting Bit 7 of Configuration Register 1
(Reg. 0x40) allows a 5 V supply to power the ADT7463 and be
measured without overranging the VCC measurement channel.
The 2.5 V input can be used to monitor a chipset supply voltage
in computer systems.
ANALOG-TO-DIGITAL CONVERTER (ADC)
All analog inputs are multiplexed into the on-chip, successive
approximation, ADC. This has a resolution of 10 bits. The basic
input range is 0 V to 2.25 V, but the inputs have built-in attenu-
ators to allow measurement of 2.5 V, 3.3 V, 5 V, 12 V, and the
processor core voltage VCCP without any external components. To
allow for the tolerance of these supply voltages, the ADC pro-
duces an output of 3/4 full scale (decimal 768 or 300 hex) for
the nominal input voltage and so has adequate headroom to
cope with overvoltages.
INPUT CIRCUITRY
The internal structure for the analog inputs is shown in Figure 13.
Each input circuit consists of an input protection diode, an
attenuator, plus a capacitor to form a first-order, low-pass filter
that gives the input immunity to high frequency noise.
VOLTAGE MEASUREMENT REGISTERS
Reg. 0x20 2.5 V Reading = 0x00 Default
Reg. 0x21 VCCP Reading = 0x00 Default
Reg. 0x22 VCC Reading = 0x00 Default
Reg. 0x23 5 V Reading = 0x00 Default
Reg. 0x24 12 V Reading = 0x00 Default
VOLTAGE MEASUREMENT LIMIT REGISTERS
Associated with each voltage measurement channel are high and
low limit registers. Exceeding the programmed high or low limit
causes the appropriate status bit to be set. Exceeding either limit
can also generate SMBALERT interrupts.
Reg. 0x44 2.5 V Low Limit = 0x00 Default
Reg. 0x45 2.5 V High Limit = 0xFF Default
Reg. 0x46 VCCP Low Limit = 0x00 Default
Reg. 0x47 VCCP High Limit = 0xFF Default
Reg. 0x48 VCC Low Limit = 0x00 Default
Reg. 0x49 VCC High Limit = 0xFF Default
Reg. 0x4A 5 V Low Limit = 0x00 Default
Reg. 0x4B 5 V High Limit = 0xFF Default
Reg. 0x4C 12 V Low Limit = 0x00 Default
Reg. 0x4D 12 V High Limit = 0xFF Default
30pF
120k�
30pF
93k�
MUX
30pF
68k�
30pF
45k�
52.5k�
35pF
17.5k�
94k�
71k�
47k�
20k�
12VIN
5VIN
3.3VIN
2.5VIN
VCCP
Figure 13. Structure of Analog Inputs
Table II shows the input ranges of the analog inputs and output
codes of the 10-bit ADC.
When the ADC is running, it samples and converts a voltage
input in 711
µs and averages 16 conversions to reduce noise;
a measurement on each input takes nominally 11.38 ms.
REV. C
ADT7463
–13–
VOLTAGE MEASUREMENT INPUTS
The ADT7463 has four external voltage measurement channels.
It can also measure its own supply voltage, VCC.
Pins 20 to 23 are dedicated to measuring 5 V, 12 V, and 2.5 V
supplies and the processor core voltage VCCP (0 V to 3 V input).
The VCC supply voltage measurement is carried out through
the VCC pin (Pin 4). Setting Bit 7 of Configuration Register 1
(Reg. 0x40) allows a 5 V supply to power the ADT7463 and be
measured without overranging the VCC measurement channel.
The 2.5 V input can be used to monitor a chipset supply voltage
in computer systems.
ANALOG-TO-DIGITAL CONVERTER (ADC)
All analog inputs are multiplexed into the on-chip, successive
approximation, ADC. This has a resolution of 10 bits. The basic
input range is 0 V to 2.25 V, but the inputs have built-in attenu-
ators to allow measurement of 2.5 V, 3.3 V, 5 V, 12 V, and the
processor core voltage VCCP without any external components. To
allow for the tolerance of these supply voltages, the ADC pro-
duces an output of 3/4 full scale (decimal 768 or 300 hex) for
the nominal input voltage and so has adequate headroom to
cope with overvoltages.
INPUT CIRCUITRY
The internal structure for the analog inputs is shown in Figure 13.
Each input circuit consists of an input protection diode, an
attenuator, plus a capacitor to form a first-order, low-pass filter
that gives the input immunity to high frequency noise.
VOLTAGE MEASUREMENT REGISTERS
Reg. 0x20 2.5 V Reading = 0x00 Default
Reg. 0x21 VCCP Reading = 0x00 Default
Reg. 0x22 VCC Reading = 0x00 Default
Reg. 0x23 5 V Reading = 0x00 Default
Reg. 0x24 12 V Reading = 0x00 Default
VOLTAGE MEASUREMENT LIMIT REGISTERS
Associated with each voltage measurement channel are high and
low limit registers. Exceeding the programmed high or low limit
causes the appropriate status bit to be set. Exceeding either limit
can also generate SMBALERT interrupts.
Reg. 0x44 2.5 V Low Limit = 0x00 Default
Reg. 0x45 2.5 V High Limit = 0xFF Default
Reg. 0x46 VCCP Low Limit = 0x00 Default
Reg. 0x47 VCCP High Limit = 0xFF Default
Reg. 0x48 VCC Low Limit = 0x00 Default
Reg. 0x49 VCC High Limit = 0xFF Default
Reg. 0x4A 5 V Low Limit = 0x00 Default
Reg. 0x4B 5 V High Limit = 0xFF Default
Reg. 0x4C 12 V Low Limit = 0x00 Default
Reg. 0x4D 12 V High Limit = 0xFF Default
30pF
120k�
30pF
93k�
MUX
30pF
68k�
30pF
45k�
52.5k�
35pF
17.5k�
94k�
71k�
47k�
20k�
12VIN
5VIN
3.3VIN
2.5VIN
VCCP
Figure 13. Structure of Analog Inputs
Table II shows the input ranges of the analog inputs and output
codes of the 10-bit ADC.
When the ADC is running, it samples and converts a voltage
input in 711
µs and averages 16 conversions to reduce noise;
a measurement on each input takes nominally 11.38 ms.
Rev. 4 | Page 13 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com