Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7463ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
REV. C
–4–
ADT7463
ABSOLUTE MAXIMUM RATINGS*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V
Voltage on +12VIN Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V
Voltage on Any Other Input or Output Pin . . . . –0.3 V to +6.5 V
Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . .
±5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
IR Reflow Peak Temperature . . . . . . . . . . . . . . . . . . . 220
°C
IR Reflow Peak Temperature for Pb-free . . . . . . . . . . 260
°C
Lead Temperature (soldering 10 sec) . . . . . . . . . . . . . 300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
24-Lead QSOP Package:
θJA = 105°C/W, θJC = 39°C/W.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADT7463 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADT7463
TACH2
TACH1
PWM2/SMBALERT
TACH3
VID3
SDA
SCL
GND
VCC
VID2
VID1
VID0
PWM3/ADDRESS ENABLE
TACH4/ADDRESS SELECT/THERM
D2–
D2+
D1–
PWM1/XTO
VCCP
+2.5VIN/SMBALERT
+12VIN/VID5
D1+
VID4
+5VIN/THERM
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADT7463ARQ
–40�C to +120�C
24-Lead QSOP
RQ-24
ADT7463ARQ-REEL
–40�C to +120�C
24-Lead QSOP
RQ-24
ADT7463ARQ-REEL7
–40�C to +120�C
24-Lead QSOP
RQ-24
ADT7463ARQZ*
–40�C to +120�C
24-Lead QSOP
RQ-24
ADT7463ARQZ-REEL*
–40�C to +120�C
24-Lead QSOP
RQ-24
ADT7463ARQZ-REEL7*
–40�C to +120�C
24-Lead QSOP
RQ-24
EVAL-ADT7463EB
Evaluation Board
*Z = Pb-free part.
Rev. 4 | Page 4 of 52 | www.onsemi.com
ADT7463ARQZ-R7*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com