Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 30 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
REV. C
–30–
ADT7463
PWM1 CONFIGURATION (REG. 0x5C)
<2:0> SPIN These bits control the start-up timeout for PWM1.
000 = No Startup Timeout
001 = 100 ms
010 = 250 ms (default)
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
PWM2 CONFIGURATION (REG. 0x5D)
<2:0> SPIN These bits control the start-up timeout for PWM2.
000 = No Startup Timeout
001 = 100 ms
010 = 250 ms (default)
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
PWM3 CONFIGURATION (REG. 0x5E)
<2:0> SPIN These bits control the start-up timeout for PWM3.
000 = No Startup Timeout
001 = 100 ms
010 = 250 ms (default)
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
Disabling Fan Start-Up Timeout
Although fan start-up makes fan spin-ups much quieter than
fixed-time spin-ups, the option exists to use fixed spin-up times.
Bit 5 (FSPDIS) = 1 in Configuration Register 1 (Reg. 0x40)
disables the spin-up for two TACH pulses. Instead, the fan spins
up for the fixed time as selected in Registers 0x5C to 0x5E.
PWM Logic State
The PWM outputs can be programmed high for 100% duty
cycle (noninverted) or low for 100% duty cycle (inverted).
PWM1 Configuration (Reg. 0x5C)
<4> INV
0 = Logic High for 100% PWM Duty Cycle
1 = Logic Low for 100% PWM Duty Cycle
PWM2 Configuration (Reg. 0x5D)
<4> INV
0 = Logic High for 100% PWM Duty Cycle
1 = Logic Low for 100% PWM Duty Cycle
PWM3 Configuration (Reg. 0x5E)
<4> INV
0 = Logic High for 100% PWM Duty Cycle
1 = Logic Low for 100% PWM Duty Cycle
PWM Drive Frequency
The PWM drive frequency can be adjusted for the application.
Registers 0x5F to 0x61 configure the PWM frequency for
PWM1 to PWM3, respectively.
PWM1 FREQUENCY REGISTERS (REG. 0x5F to 0x61)
<2:0> FREQ 000 = 11.0 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz (Default)
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
Fan Speed Control
The ADT7463 can control fan speed using two different modes.
The first is automatic fan speed control mode. In this mode, fan
speed is automatically varied with temperature and without CPU
intervention, once initial parameters are set up. The advantage of
this is in the case of the system hanging, the user is guaranteed
that the system is protected from overheating. The automatic fan
speed control incorporates a feature called dynamic TMIN calibra-
tion. This feature reduces the design effort required to program
the automatic fan speed control loop. For more information and
how to program the automatic fan speed control loop and dynamic
TMIN calibration, see the AN-613 Programming the Automatic
Fan Speed Control Loop application note (www.analog.com/
UploadedFiles/Application_Notes/331085006AN613_0.pdf).
The second fan speed control method is manual fan speed control
which is described in the next paragraph.
Manual Fan Speed Control
The ADT7463 allows the duty cycle of any PWM output
to be manually adjusted. This can be useful if users wish to
change fan speed in software or want to adjust PWM duty cycle
output for test purposes. Bits <7:5> of Registers 0x5C to 0x5E
(PWM Configuration) control the behavior of each PWM output.
PWM CONFIGURATION (REG. 0x5C to 0x5E)
<7:5> BHVR 111 = Manual Mode
Once under manual control, each PWM output may be manually
updated by writing to Registers 0x30 to 0x32 (PWMx current
duty cycle registers).
Programming the PWM Current Duty Cycle Registers
The PWM current duty cycle registers are 8-bit registers that
allow the PWM duty cycle for each output to be set anywhere
from 0% to 100% in steps of 0.39%.
The value to be programmed into the PWMMIN register is
given by
Value Decimal
PWMMIN
() =
0.39
Example 1: For a PWM duty cycle of 50%,
Value (Decimal) = 50/0.39 = 128 Decimal
Value = 128 decimal or 0x80.
Example 2: For a PWM duty cycle of 33%,
Value (Decimal) = 33/0.39 = 85 Decimal
Value = 85 Decimal or 0x54.
PWM DUTY CYCLE REGISTERS
Reg. 0x30 PWM1 Duty Cycle = 0xFF (100% Default)
Reg. 0x31 PWM2 Duty Cycle = 0xFF (100% Default)
Reg. 0x32 PWM3 Duty Cycle = 0xFF (100% Default)
Rev. 4 | Page 30 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com