Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 47 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
REV. C
ADT7463
–47–
Table XXXI. Register 0x73 – Configuration Register 2 (Power-On Default = 0x00)
Bit
Name
R/W*
Description
0
AIN1
Read/Write
AIN1 = 0, Speed of 3-wire fans measured using the TACH output from the fan.
AIN1 = 1, Pin 11 is reconfigured to measure the speed of 2-wire fans using an external
sensing resistor and coupling capacitor. AIN voltage threshold is set via Configuration
Register 4 (Reg. 0x7D).
1
AIN2
Read/Write
AIN2 = 0, Speed of 3-wire fans measured using the TACH output from the fan.
AIN2 = 1, Pin 12 is reconfigured to measure the speed of 2-wire fans using an external
sensing resistor and coupling capacitor. AIN voltage threshold is set via Configuration
Register 4 (Reg. 0x7D).
2
AIN3
Read/Write
AIN3 = 0, Speed of 3-wire fans measured using the TACH output from the fan.
AIN3 = 1, Pin 9 is reconfigured to measure the speed of 2-wire fans using an external
sensing resistor and coupling capacitor. AIN voltage threshold is set via Configuration
Register 4 (Reg. 0x7D).
3
AIN4
Read/Write
AIN4 = 0, Speed of 3-wire fans measured using the TACH output from the fan.
AIN4 = 1, Pin 14 is reconfigured to measure the speed of 2-wire fans using an external
sensing resistor and coupling capacitor. AIN voltage threshold is set via Configuration
Register 4 (Reg. 0x7D).
4
AVG
Read/Write
AVG = 1, Averaging on the temperature and voltage measurements is turned off. This
allows measurements on each channel to be made much faster.
5
ATTN
Read/Write
ATTN = 1, the ADT7463 removes the attenuators from the 2.5 V, VCCP, 5 V, and
12 V inputs. The inputs can be used for other functions such as connecting up external
sensors.
6
CONV
Read/Write
CONV = 1, the ADT7463 is put into a single-channel ADC conversion mode. In this
mode, the ADT7463 can be made to read continuously from one input only, e.g.,
Remote 1 Temperature. It is also possible to start ADC conversions using an external
clock on Pin 11 by setting Bit 2 of Test Register 2 (Reg. 0x7F). This mode could be
useful if, for example, users wanted to characterize/profile CPU temperature quickly.
The appropriate ADC channel is selected by writing to Bits <7:5> of TACH1 Min High
Byte Register (0x55).
Bits <7:5> Reg 0x55
Channel Selected
000
2.5 V
001
VCCP
010
VCC (3.3 V)
011
5 V
100
12 V
101
Remote 1 Temperature
110
Local Temperature
111
Remote 2 Temperature
7
SHDN
Read/Write
SHDN = 1, ADT7463 goes into shutdown mode. All PWM outputs assert low (or high
depending on state of INV bit) to switch off all fans. The PWM current duty cycle
registers read 0x00 to indicate that the fans are not being driven.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Rev. 4 | Page 47 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com