Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
REV. C
ADT7463
–11–
When reading data from a register, there are two possibilities:
1. If the ADT7463’s address pointer register value is unknown
or not the desired value, it is first necessary to set it to the
correct value before data can be read from the desired data
register. This is done by performing a write to the ADT7463
as before, however, only the data byte is sent and this con-
tains the register address. This is shown in Figure 8.
A read operation is then performed consisting of the serial
bus address, R/W bit set to 1, followed by the data byte read
from the data register. This is shown in Figure 9.
2. If the address pointer register is already at the desired address,
data can be read from the corresponding data register without
first writing to the address pointer register, so Figure 8 can
be omitted.
Notes
1. It is possible to read a data byte from a data register without
first writing to the address pointer register if the address
pointer register is already at the correct value. However, it is
not possible to write data to a register without writing to the
address pointer register because the first data byte of a write
is always written to the address pointer register.
2. In Figures 7 to 9, the serial bus address is shown as the
default value 01011(A1)(A0), where A1 and A0 are set by
the address select mode function previously defined.
3. In addition to supporting the Send Byte and Receive Byte
protocols, the ADT7463 also supports the Read Byte protocol
(see System Management Bus specifications Rev. 2.0 for
more information).
4. If it is required to perform several read or write operations in
succession, the master can send a repeat start condition
instead of a stop condition to begin a new operation.
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7463
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
1
ACK. BY
ADT7463
9
Figure 8. Writing to the Address Pointer Register Only
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
DATA BYTE FROM ADT7463
19
1
ACK. BY
ADT7463
9
Figure 9. Reading Data from a Previously Selected Register
Rev. 4 | Page 11 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com