Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
REV. C
–24–
ADT7463
7 6 54 3 2 1 0
22.76ms
45.52ms
THERM
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
IN
OUT
RESET
LATCH
STATUS REGISTER 2
CLEARED
ON READ
F4P BIT (BIT 5)
MASK REGISTER 2
(REG. 0x75)
1 = MASK
SMBALERT
F4P BIT (BIT 5)
THERM TIMER CLEARED ON READ
COMPARATOR
THERM
TIMER
(REG. 0x79)
7
6
5
4
3
2
1
0
22.76ms
45.52ms
91.04ms
182.08ms
364.16ms
728.32ms
1.457s
2.914s
THERM LIMIT
(REG. 0x7A)
Figure 27. Functional Diagram of ADT7463’s THERM Monitoring Circuitry
Configuring the Desired THERM Behavior
1. Configure the desired pin as the THERM input.
Setting Bit 1 (THERM Enable) of Configuration Register 3
(Reg. 0x78) enables the THERM monitoring functionality.
This is enabled on Pin 14 by default.
Setting Bit 1 (TH5V) of Configuration Register 4
(Reg. 0x7D) enables THERM monitoring on Pin 20
(Bit 1 of Configuration Register 3 must also be set). Pin 14
can be used as TACH4.
2. Select the desired fan behavior for THERM events.
Setting Bit 2 (BOOST bit) of Configuration Register 3
(Reg. 0x78) causes all fans to run at 100% duty cycle
whenever THERM gets asserted. This allows fail-safe system
cooling. If this bit = 0, the fans run at their current settings
and are not affected by THERM events.
3. Select whether THERM events should generate
SMBALERT interrupts.
Bit 5 (F4P) of Mask Register 2 (Reg. 0x75), when set, masks
out SMBALERTs when the THERM limit value gets
exceeded. This bit should be cleared if SMBALERTs based
on THERM events are required.
4. Select a suitable THERM limit value.
This value determines whether an SMBALERT is generated
on the first THERM assertion, or only if a cumulative THERM
assertion time limit is exceeded. A value of 0x00 causes an
SMBALERT to be generated on the first THERM assertion.
5. Select a THERM monitoring time.
This is how often OS or BIOS level software checks the
THERM timer. For example, BIOS could read the THERM
timer once an hour to determine the cumulative THERM
assertion time. If, for example, the total THERM assertion
time is <22.76 ms in Hour 1, >182.08 ms in Hour 2, and
>5.825 s in Hour 3, this can indicate that system performance
is degrading significantly since THERM is asserting more
frequently on an hourly basis.
Alternatively, OS or BIOS level software can time-stamp
when the system is powered on. If an SMBALERT is gener-
ated due to the THERM limit being exceeded, another
time-stamp can be taken. The difference in time can be
calculated for a fixed THERM limit time. For example, if it
takes one week for a THERM limit of 2.914 s to be exceeded
and the next time it takes only 1 hour, then this is an
indication of a serious degradation in system performance.
Rev. 4 | Page 24 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com