Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
REV. C
–22–
ADT7463
Masking Interrupt Sources
Interrupt Mask Registers 1 and 2 are located at Addresses
0x74 and 0x75. These allow individual interrupt sources to be
masked out to prevent SMBALERT interrupts. Note that
masking an interrupt source only prevents the SMBALERT
output from being asserted; the appropriate status bit gets set
as normal.
Interrupt Mask Register 1 (Reg. 0x74)
Bit 7 (OOL) = 1, masks SMBALERT for any alert condition
flagged in Status Register 2.
Bit 6 (R2T) = 1, masks SMBALERT for Remote 2 Temperature.
Bit 5 (LT) = 1, masks SMBALERT for Local Temperature.
Bit 4 (R1T) = 1, masks SMBALERT for Remote 1 Temperature.
Bit 3 (5V) = 1, masks SMBALERT for 5 V channel.
Bit 2 (VCC) = 1, masks SMBALERT for VCC channel.
Bit 1 (VCCP) = 1, masks SMBALERT for VCCP channel.
Bit 0 (2.5V) = 1, masks SMBALERT for 2.5 V channel.
Interrupt Mask Register 2 (Reg. 0x75)
Bit 7 (D2) = 1, masks SMBALERT for Diode 2 errors.
Bit 6 (D1) = 1, masks SMBALERT for Diode 1 errors.
Bit 5 (FAN4) = 1, masks SMBALERT for Fan 4 failure. If the
TACH4 pin is being used as the THERM input, this bit masks
SMBALERT for a THERM event.
Bit 4 (FAN3) = 1, masks SMBALERT for Fan 3.
Bit 3 (FAN2) = 1, masks SMBALERT for Fan 2.
Bit 2 (FAN1) = 1, masks SMBALERT for Fan 1.
Bit 1 (OVT) = 1, masks SMBALERT for overtemperature
(exceeding THERM limits).
Bit 0 (12V/VC) = 1, masks SMBALERT for 12 V channel or
for a VID code change, depending on the function used.
Enabling the SMBALERT Interrupt Output
The SMBALERT interrupt function is disabled by default.
Pin 10 or Pin 22 can be reconfigured as an SMBALERT output
to signal out-of-limit conditions.
CONFIGURING PIN 22 AS SMBALERT OUTPUT
REGISTER
BIT SETTING
Config Reg 3 (Reg. 0x78)
<0> ALERT = 1
CONFIGURING PIN 22 AS SMBALERT OUTPUT
REGISTER
BIT SETTING
Config Reg 4 (Reg. 0x7D)
<0> AL2.5V = 1
To Assign THERM Functionality to a Pin
Pin 14 or Pin 20 can be configured as the THERM pin on the
ADT7463.
To enable the THERM functionality, users must first set the
THERM enable bit. The TH5V bit then determines which pin
the THERM functionality is enabled on (i.e., users cannot enable
THERM on two pins at once).
To configure Pin 20 as the THERM pin:
1. Set the TH5V bit (Bit 1) in the Configuration Register 4
(Address = 0x7D) = 1.
2. Set the THERM Enable Bit (Bit 1) in Configuration
Register 3 (Address = 0x78) = 1.
To configure Pin 14 as the THERM pin:
1. Set the TH5V bit (Bit 1) in the Configuration Register 4
(Address = 0x7D) = 0.
2. Set the THERM Enable Bit (Bit 1) in Configuration
Register 3 (Address = 0x78) = 1.
THERM as an Input
When configured as an input, the user can time assertions on
the THERM pin. This can be useful for connecting to the
PROCHOT output of a CPU to gauge system performance.
See this data sheet for more information on timing THERM
assertions and generating ALERTs based on THERM.
The user can also setup the ADT7463 so when the THERM pin
is driven low externally the fans run at 100%. The fans run at
100% for the duration of the THERM pin being pulled low.
This is done by setting the BOOST bit (Bit 2) in Configuration
Register 3 (Address = 0x78) to 1. This only works if the fan is
already running, for example, in manual mode when the
current duty cycle is above 0x00 or in automatic mode when
the temperature is above TMIN. If the temperature is below
TMIN or if the duty cycle in manual mode is set to 0x00, then
pulling the THERM low externally has no effect. See Figure 25
for more information.
TMIN
THERM
THERM ASSERTED LOW AS AN INPUT
FANS DO NOT GO TO 100% SINCE
TEMPERATURE IS BELOWT MIN
THERM ASSERTED LOW AS AN INPUT
FANS GO TO 100% SINCE TEMPERATURE
IS ABOVE TMIN AND FANS ARE ALREADY
RUNNING
Figure 25. Asserting THERM Low as an Input in
Automatic Fan Speed Control Mode
Rev. 4 | Page 22 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com