Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 37 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
REV. C
ADT7463
–37–
Table XI. Register 0x37 – Dynamic TMIN Control Register 2 (Power-On Default = 0x00)
Bit
Name
R/W*
Description
<2:0>
CYR1
Read/Write
3-Bit Remote 1 Cycle Value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the Remote 1 channel, in terms of
number of monitoring cycles. The system has associated thermal time constants that
need to be found to optimize the response of fans and the control loop.
Bits
Decrease Cycle
Increase Cycle
000
4 cycles (0.5 s)
8 cycles (1 s)
001
8 cycles (1 s)
16 cycles (2 s)
010
16 cycles (2 s)
32 cycles (4 s)
011
32 cycles (4 s)
64 cycles (8 s)
100
64 cycles (8 s)
128 cycles (16 s)
101
128 cycles (16 s)
256 cycles (32 s)
110
256 cycles (32 s)
512 cycles (64 s)
111
512 cycles (64 s)
1024 cycles (128 s)
<5:3>
CYL
Read/Write
3-Bit Local Temp Cycle Value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the local temperature channel, in
terms of number of monitoring cycles. The system has associated thermal time con-
stants that need to be found to optimize the response of fans and the control loop.
Bits
Decrease Cycle
Increase Cycle
000
4 cycles (0.5 s)
8 cycles (1 s)
001
8 cycles (1 s)
16 cycles (2 s)
010
16 cycles (2 s)
32 cycles (4 s)
011
32 cycles (4 s)
64 cycles (8 s)
100
64 cycles (8 s)
128 cycles (16 s)
101
128 cycles (16 s)
256 cycles (32 s)
110
256 cycles (32 s)
512 cycles (64 s)
111
512 cycles (64 s)
1024 cycles (128 s)
<7:6>
CYR2
Read/Write
2 LSBs of 3-Bit Remote 2 Cycle Value. The MSB of the 3-bit code resides in Dynamic
TMIN Control Register 1 (Reg. 0x36). These three bits define the delay time between
making subsequent TMIN adjustments in the control loop for the Remote 2 channel, in
terms of number of monitoring cycles. The system has associated thermal time con-
stants that need to be found to optimize the response of fans and the control loop.
Bits
Decrease Cycle
Increase Cycle
000
4 cycles (0.5 s)
8 cycles (1 s)
001
8 cycles (1 s)
16 cycles (2 s)
010
16 cycles (2 s)
32 cycles (4 s)
011
32 cycles (4 s)
64 cycles (8 s)
100
64 cycles (8 s)
128 cycles (16 s)
101
128 cycles (16 s)
256 cycles (32 s)
110
256 cycles (32 s)
512 cycles (64 s)
111
512 cycles (64 s)
1024 cycles (128 s)
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any subsequent attempts to write to this register fail.
Rev. 4 | Page 37 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com