Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 41 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
REV. C
ADT7463
–41–
Table XIX. PWM Configuration Registers
Register Address
R/W*
Description
Power-On Default
0x5C
Read/Write
PWM1 Configuration
0x62
0x5D
Read/Write
PWM2 Configuration
0x62
0x5E
Read/Write
PWM3 Configuration
0x62
Bit
Name
R/W
Description
<2:0>
SPIN
Read/Write
These bits control the startup timeout for PWMx. The PWM output stays high until two
valid TACH rising edges are seen from the fan. If there is not a valid TACH signal during the
fan TACH measurement directly after the fan startup timeout period, then the TACH
measurement reads 0xFFFF and Status Register 2 reflects the fan fault. If the TACH
Minimum High and Low Byte contains 0xFFFF or 0x0000, then the Status Register 2
Bit is not set, even if the fan has not started.
000 = No Startup Timeout.
001 = 100 ms.
010 = 250 ms (Default).
011 = 400 ms.
100 = 667 ms.
101 = 1 s.
110 = 2 s.
111 = 4 s.
<3>
SLOW
Read/Write
Slow = 1 makes the ramp rates for acoustic enhancement four times longer.
<4>
INV
Read/Write
This bit inverts the PWM output. The default is 0, which corresponds to a logic high
output for 100% duty cycle. Setting this bit to 1 inverts the PWM output, so 100% duty
cycle corresponds to a logic low output.
<7:5>
BHVR
Read/Write
These bits assign each fan to a particular temperature sensor for localized cooling.
000 = Remote 1 Temp Controls PWMx (Automatic Fan Control Mode).
001 = Local Temp Controls PWMx (Automatic Fan Control Mode).
010 = Remote 2 Temp Controls PWMx (Automatic Fan Control Mode).
011 = PWMx Runs Full Speed (Default).
100 = PWMx Disabled.
101 = Fastest Speed Calculated by Local and Remote 2 Temp Controls PWMx.
110 = Fastest Speed Calculated by All 3 Temperature Channels Controls PWMx.
111 = Manual Mode. PWM Duty Cycle Registers (Reg 0x30 to 0x32) Become Writable.
*These registers become read-only when the Configuration Register 1 Lock bit is set to 1. Any subsequent attempts to write to these registers fail.
Rev. 4 | Page 41 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com