Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 42 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
REV. C
–42–
ADT7463
Table XX. TEMP TRANGE/PWM Frequency Registers
Register Address
R/W*
Description
Power-On Default
0x5F
Read/Write
Remote 1 TRANGE/PWM 1 Frequency
0xC4
0x60
Read/Write
Local Temp TRANGE/PWM 2 Frequency
0xC4
0x61
Read/Write
Remote 2 TRANGE/PWM 3 Frequency
0xC4
Bit
Name
Read/Write
Description
<2:0>
FREQ
Read/Write
These bits control the PWMx frequency.
000 = 11.0 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz (Default)
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
<3>
THRM
Read/Write
THRM = 1 causes the THERM pin (Pin 14 or 20) to assert low as an output when this
temperature channel’s THERM limit has been exceeded by 0.25�C. The THERM pin
remains asserted until the temperature is equal to or below the THERM limit. The
minimum time that THERM asserts for is one monitoring cycle. This allows clock modu-
lation of devices that incorporate this feature.
THRM = 0 makes the THERM pin act as an input only, e.g., for Pentium 4 PROCHOT
monitoring, when Pin 14 or 20 is configured as THERM.
<7:4>
RANGE
Read/Write
These bits determine the PWM duty cycle versus the temperature slope for
automatic fan control.
0000 = 2�C
0001 = 2.5�C
0010 = 3.33�C
0011 = 4�C
0100 = 5�C
0101 = 6.67�C
0110 = 8�C
0111 = 10�C
1000 = 13.33�C
1001 = 16�C
1010 = 20�C
1011 = 26.67�C
1100 = 32�C (Default)
1101 = 40�C
1110 = 53.33�C
1111 = 80�C
*These registers become read-only when the Configuration Register 1 Lock bit is set. Any further attempts to write to these registers shall have no effect.
Rev. 4 | Page 42 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com