Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
REV. C
ADT7463
–21–
OOL = 1 DENOTES A PARAMETER
MONITORED THROUGH STATUS REG 2
IS OUT-OF-LIMIT
10000000
Read/Write
(Click
Digits)
OOL
R2T
LT
R1T
5V
V
CC
V
CCP
2.5V
Figure 21. Status Register 1
Status Register 1 (Reg. 0x41)
Bit 7 (OOL) = 1, denotes a bit in Status Register 2 is set and
Status Register 2 should be read.
Bit 6 (R2T) = 1, Remote 2 Temperature High or Low Limit
has been exceeded.
Bit 5 (LT) = 1, Local Temperature High or Low Limit has
been exceeded.
Bit 4 (R1T) = 1, Remote 1 Temperature High or Low Limit
has been exceeded.
Bit 3 (5V) = 1, 5 V High or Low Limit has been exceeded.
Bit 2 (VCC) = 1, VCC High or Low Limit has been exceeded.
Bit 1 (VCCP) = 1, VCCP High or Low Limit has been exceeded.
Bit 0 (2.5V) = 1, 2.5 V High or Low Limit has been exceeded.
F4P = 1, FAN4 OR THERM
TIMER IS OUT-OF-LIMIT
00100000
Read/Write
(Click
Digits)
D2
D1
F4P
FAN3
FAN2
FAN1
OVT
12V/VC
Figure 22. Status Register 2
Status Register 2 (Reg. 0x42)
Bit 7 (D2) = 1, indicates an open or short on D2+/D2– inputs.
Bit 6 (D1) = 1, indicates an open or short on D2+/D2– inputs.
Bit 5 (F4P) = 1, indicates Fan 4 has dropped below minimum
speed. Alternatively, indicates that THERM limit has been
exceeded if the THERM function is used.
Bit 4 (FAN3) = 1, indicates Fan 3 has dropped below mini-
mum speed.
Bit 3 (FAN2) = 1, indicates Fan 2 has dropped below minimum
speed.
Bit 2 (FAN1) = 1, indicates Fan 1 has dropped below mini-
mum speed.
Bit 1 (OVT) = 1, indicates that a THERM overtemperature
limit has been exceeded.
Bit 0 (12V/VC) = 1, 12 V High or Low Limit has been
exceeded. If the VID code change function is used, this bit
indicates a change in VID code on the VID0 to VID5 inputs.
SMBALERT Interrupt Behavior
The ADT7463 can be polled for status, or an SMBALERT
interrupt can be generated for out-of-limit conditions. It is
important to note how the SMBALERT output and status bits
behave when writing Interrupt Handler software.
“STICKY”
STATUS
BIT
HIGH LIMIT
TEMPERATURE
SMBALERT
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
Figure 23. SMBALERT and Status Bit Behavior
Figure 23 shows how the SMBALERT output and “sticky” status
bits behave. Once a limit is exceeded, the corresponding status
bit gets set to 1. The status bit remains set until the error condi-
tion subsides and the status register gets read. The status bits are
referred to as sticky since they remain set until read by software.
This ensures that an out-of-limit event cannot be missed if software
is polling the device periodically. Note that the SMBALERT
output remains low for the entire duration that a reading is
out-of-limit and until the status register has been read. This
has implications on how software handles the interrupt.
HANDLING SMBALERT INTERRUPTS
To prevent the system from being tied up servicing interrupts, it
is recommend to handle the SMBALERT interrupt as follows:
1. Detect the SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt source.
4. Mask the interrupt source by setting the appropriate mask
bit in the interrupt mask registers (Reg. 0x74, 0x75).
5. Take the appropriate action for a given interrupt source.
6. Exit the Interrupt Handler.
7. Periodically poll the status registers. If the interrupt status bit
has cleared, reset the corresponding interrupt mask bit to 0.
This causes the SMBALERT output and status bits to be-
have as shown in Figure 24.
“STICKY”
STATUS
BIT
HIGH LIMIT
TEMPERATURE
SMBALERT
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
INTERRUPT MASK BIT
CLEARED
(SMBALERT REARMED)
Figure 24. How Masking the Interrupt Source Affects
SMBALERT Output
Rev. 4 | Page 21 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com