Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
REV. C
Typical Performance Characteristics–ADT7463
–7–
LEAKAGE RESISTANCE (M�)
15
10
–20
1.0
3.3
100.0
10.0
30.0
0
–5
–10
–15
5
DXP TO GND
DXP TO VCC (3.3V)
TPC 1. Remote Temperature Error
vs. Leakage Resistance
TEMPERATURE ( C)
–3
–40
10
110
60
1
0
–2
–1
3
2
LOW LIMIT
HIGH LIMIT
–3 SIGMA
+3 SIGMA
TPC 4. Local Temperature Error
vs. Actual Temperature
1.9
1.8
1.7
1.6
1.5
1.4
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
SUPPLY VOLTAGE (V)
TPC 7. Supply Voltage vs.
Supply Current
DXP TO DXN CAPACITANCE (nF)
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
2.2
3.3
4.7
22.0
47.0
–30
–33
–36
REMOTE TEMPERATURE
ERROR (�C)
1.0
10.0
TPC 2. Remote Temperature Error
vs. Capacitance between D+ and D–
FREQUENCY (Hz)
14
12
–2
100k
550k
50M
5M
6
4
0
2
10
8
100mV
250mV
TPC 5. Remote Temperature Error
vs. Power Supply Noise Frequency
FREQUENCY (Hz)
16
60k
14
12
10
8
6
4
2
0
–2
110k
1M
10M
50M
10mV
20mV
TPC 8. Remote Temperature Error vs.
Differential Mode Noise Frequency
TEMPERATURE ( C)
3
–40
2
1
0
–1
–2
–3
10
60
110
–3 SIGMA
+3 SIGMA
LOW LIMIT
HIGH LIMIT
TPC 3. Remote Temperature Error
vs. Actual Temperature
FREQUENCY (Hz)
12.5
10.0
–5.0
100k
550k
50M
5M
5.0
2.5
–2.5
0
7.5
100mV
250mV
TPC 6. Local Temperature Error vs.
Power Supply Noise Frequency
FREQUENCY (Hz)
40
10k
35
30
25
20
15
10
5
0
–5
–10
100k
1M
10M
20mV
40mV
100mV
TPC 9. Remote Temperature Error vs.
Common-Mode Noise Frequency
Rev. 4 | Page 7 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com