Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 26 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
REV. C
–26–
ADT7463
ADT7463
PWM3
2.2k�
1k�
3.3V
Q1
MMBT3904
3.3V
10�
TACH3
Q2
MMBT2222
10�
TACH4
12V
Q3
MMBT2222
Figure 31. Interfacing Two Fans in Parallel to the PWM3 Output Using Low Cost NPN Transistors
ADT7463
TACH4
10k�
TYPICAL
3.3V
TACH
TACH3
10k�
TYPICAL
3.3V
PWM3
10k�
TYPICAL
3.3V
+V
Q1
NDT3055L
5V OR
12V FAN
TACH
5V OR 12V
FAN
+V
1N4148
Figure 32. Interfacing Two Fans in Parallel to the PWM3 Output Using a Single N-Channel MOSFET
Driving Two Fans from PWM3
Note that the ADT7463 has four TACH inputs available for fan
speed measurement, but only three PWM drive outputs. If a
fourth fan is being used in the system, it should be driven from
the PWM3 output in parallel with the third fan. Figure 31 shows
how to drive two fans in parallel using low cost NPN transistors.
Figure 32 is the equivalent circuit using the NDT3055L MOSFET.
Note that since the MOSFET can handle up to 3.5 A, it is
simply a matter of connecting another fan directly in parallel
with the first.
Care should be taken in designing drive circuits with transistors
and FETs to ensure that the PWM pins are not required to
source current and that they sink less than the 8 mA maximum
current specified on the data sheet.
Driving up to Three Fans from PWM2
TACH measurements for fans are synchronized to particular
PWM channels, e.g., TACH1 is synchronized to PWM1. TACH3
and TACH4 are both synchronized to PWM3 so PWM3 can
drive 2 fans. Alternatively, PWM2 can be programmed to
synchronize TACH2, TACH3, and TACH4 to the PWM2 out-
put. This allows PWM2 to drive two or three fans. In this case,
the drive circuitry looks the same as shown in Figures 31 and 32.
The SYNC bit in Register 0x62 enables this function.
<4> (SYNC) ENHANCE ACOUSTICS REG 1 (0X62)
SYNC = 1 Synchronizes TACH2, TACH3, and TACH4
to PWM2.
Rev. 4 | Page 26 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com