Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 2 Page - ON Semiconductor

  ADT7463ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
REV. C
–2–
ADT7463–SPECIFICATIONS1, 2, 3, 4 (T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage
3.0
5.0
5.5
V
Supply Current, ICC
3mA
Interface Inactive, ADC Active
20
µA
Standby Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±0.5
±1.5
�
C0�C � TA � 70�C
±3
�
C
–40�C � TA � +120�C
Resolution
0.25
�
C
Remote Diode Sensor Accuracy
±0.5
±1.5
�
C
0�C � TA � 70�C; 0�C � TD � 120�C
±2.5
�
C
0�C � TA � 105�C; 0�C � TD � 120�C
±3
�
C
0�C � TA � 120�C; 0�C � TD � 120�C
Resolution
0.25
�
C
Remote Sensor Source Current
180
µAHigh Level
11
µALow Level
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error, TUE
±1.5
%
Differential Nonlinearity, DNL
±1
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Voltage Input)
11.38
13
ms
Averaging Enabled
Conversion Time (Local Temperature)
12.09
13.50
ms
Averaging Enabled
Conversion Time (Remote Temperature)
25.59
28
ms
Averaging Enabled
Total Monitoring Cycle Time
120.17
134.50
ms
Averaging Enabled
Total Monitoring Cycle Time
13.51
15
ms
Averaging Disabled
Input Resistance
100
140
200
k
Ω
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±7
%0�C � TA � 70�C
±11
%
0�C � TA � 105�C
±13
%
–40�C � TA � +120�C
Full-Scale Count
65,535
Nominal Input RPM
109
RPM
Fan Count = 0xBFFF
329
RPM
Fan Count = 0x3FFF
5,000
RPM
Fan Count = 0x0438
10,000
RPM
Fan Count = 0x021C
Internal Clock Frequency
82.8
90.0
97.2
kHz
OPEN-DRAIN DIGITAL OUTPUTS,
PWM1 to PWM3, XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
0.4
V
IOUT = –8.0 mA, VCC = 3.3 V
High Level Output Current, IOH
0.1
1
µAVOUT = VCC
OPEN-DRAIN SERIAL DATA
BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –4.0 mA, VCC = 3.3 V
High Level Output Current, IOH
0.1
1
µAVOUT = VCC
SMBUS DIGITAL INPUTS
(SCL, SDA)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.4
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS
(VID0 to VID5)
Input High Voltage, VIH
1.7
V
Bit 6 (THLD) Reg. 0x43 = 0
Input Low Voltage, VIL
0.8
V
(VID Threshold = 1 V)
Input High Voltage, VIH
0.8
V
Bit 6 (THLD) Reg. 0x43 = 1
Input Low Voltage, VIL
0.4
V
(VID Threshold = 0.6 V)
Rev. 4 | Page 2 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com