Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 49 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
REV. C
ADT7463
–49–
Table XXXVI. Register 0x78 – Configuration Register 3 (Power-On Default = 0x00)
Bit
Name
R/W*
Description
<0>
ALERT
Read/Write
ALERT = 1, Pin 10 (PWM2/SMBALERT) is configured as an SMBALERT interrupt
output to indicate out-of-limit error conditions.
<1>
THERM
Read/Write
THERM Enable = 1 enables THERM monitoring functionality on the pin
Enable
determined by Bit 1 (TH5V) of Configuration Register 4. When THERM is
asserted, fans can be run at full speed or a timer can be triggered to time how long
THERM has been asserted for.
<2>
BOOST
Read/Write
BOOST = 1, assertion of THERM causes all fans to run at 100% duty cycle for
fail-safe cooling.
<3>
FAST
Read/Write
FAST = 1 enables fast TACH measurements on all channels. This increases the
TACH measurement rate from once per second, to once every 250 ms (4�).
<4>
DC1
Read/Write
DC1 = 1 enables TACH measurements to be continuously made on TACH1.
<5>
DC2
Read/Write
DC2 = 2 enables TACH measurements to be continuously made on TACH2.
<6>
DC3
Read/Write
DC3 = 1 enables TACH measurements to be continuously made on TACH3.
<7>
DC4
Read/Write
DC4 = 1 enables TACH measurements to be continuously made on TACH4.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Table XXXVII. Register 0x79 – THERM Status Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<7:1>
TMR
Read-Only
Times how long THERM input is asserted. These seven bits read zero until the
THERM assertion time exceeds 45.52 ms.
<0>
ASRT/TMR0 Read-Only
Gets set high on the assertion of the THERM input. Cleared on read. If the THERM
assertion time exceeds 45.52 ms, this bit gets set and becomes the LSB of the 8-bit TMR
reading. This allows THERM assertion times from 45.52 ms to 5.82 s to be reported
back with a resolution of 22.76 ms.
Table XXXVIII. Register 0x7A – THERM Limit Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<7:0>
LIMT
Read/Write
Sets maximum THERM assertion length allowed, before an interrupt is generated. This
is an 8-bit limit with a resolution of 22.76 ms allowing THERM assertion limits of 45.52 ms
to 5.82 s to be programmed. If the THERM assertion time exceeds this limit, Bit 5 (F4P)
of Interrupt Status Register 2 (Reg 0x42) is set. If the limit value is 0x00, then an
interrupt is generated immediately on the assertion of the THERM input.
Rev. 4 | Page 49 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com