Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 34 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
REV. C
–34–
ADT7463
Table V. Voltage Reading Registers (Power-On Default = 0x00)
Register Address
R/W
Description
0x20
Read-Only
2.5 V Reading (8 MSBs of reading)
0x21
Read-Only
VCCP Reading: holds processor core voltage measurement (8 MSBs of reading)
0x22
Read-Only
VCC Reading: measures VCC through the VCC pin (8 MSBs of reading)
0x23
Read-Only
5 V Reading (8 MSBs of reading)
0x24
Read-Only
12 V Reading (8 MSBs of reading)
If the extended resolution bits of these readings are also being read, the extended resolution registers (Reg. 0x76, 0x77) should be read first. Once the extended
resolution registers get read, the associated MSB reading registers get frozen until read. Both the extended resolution registers and the MSB registers get frozen.
Table VI. Temperature Reading Registers (Power-On Default = 0x80)
Register Address
R/W
Description
0x25
Read-Only
Remote 1 Temperature Reading* (8 MSBs of reading)
0x26
Read-Only
Local Temperature Reading (8 MSBs of reading)
0x27
Read-Only
Remote 2 Temperature Reading* (8 MSBs of reading)
These temperature readings are in twos complement format.
*Note that a reading of 0x80 in a temperature reading register indicates a diode fault (open or short) on that channel. If the extended resolution bits of these readings
are also being read, the extended resolution registers (Reg. 0x76, 0x77) should be read first. Once the extended resolution registers get read, all associated MSB read-
ing registers get frozen until read. Both the extended resolution registers and the MSB registers get frozen.
Table VII. Fan Tachometer Reading Registers (Power-On Default = 0x00)
Register Address
R/W
Description
0x28
Read-Only
TACH1 Low Byte
0x29
Read-Only
TACH1 High Byte
0x2A
Read-Only
TACH2 Low Byte
0x2B
Read-Only
TACH2 High Byte
0x2C
Read-Only
TACH3 Low Byte
0x2D
Read-Only
TACH3 High Byte
0x2E
Read-Only
TACH4 Low Byte
0x2F
Read-Only
TACH4 High Byte
These registers count the number of 11.11
µs periods (based on an internal 90 kHz clock) that occur between a number of consecutive fan TACH pulses (default = 2).
The number of TACH pulses used to count can be changed using the fan pulses per revolution register (Reg. 0x7B). This allows the fan speed to be accurately mea-
sured. Since a valid fan tachometer reading requires that two bytes are read, the low byte MUST be read first. Both the low and high bytes are then frozen until read.
At power-on, these registers contain 0x0000 until such time as the first valid fan TACH measurement is read in to these registers. This prevents false interrupts from
occurring while the fans are spinning up.
A count of 0xFFFF indicates that a fan is:
1. Stalled or blocked (object jamming the fan).
2. Failed (internal circuitry destroyed).
3. Not populated (the ADT7463 expects to see a fan connected to
each TACH. If a fan is not connected to that TACH, its TACH
minimum high and low byte should be set to 0xFFFF).
4. Alternate function, e.g., TACH4 reconfigured as THERM pin.
5. 2-Wire Instead of 3-Wire Fan.
Rev. 4 | Page 34 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com