Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
REV. C
–14–
ADT7463
Table II. 10-Bit A/D Output Code vs. VIN
Input Voltage
A/D Output
+12VIN
+5VIN
VCC (3.3VIN)*
+2.5VIN
+VCCP
Decimal
Binary (10 Bits)
<0.0156
<0.0065
<0.0042
<0.0032
<0.00293
0
00000000 00
0.0156–0.0312
0.0065–0.0130
0.0042–0.0085
0.0032–0.0065
0.0293–0.0058
1
00000000 01
0.0312–0.0469
0.0130–0.0195
0.0085–0.0128
0.0065–0.0097
0.0058–0.0087
2
00000000 10
0.0469–0.0625
0.0195–0.0260
0.0128–0.0171
0.0097–0.0130
0.0087–0.0117
3
00000000 11
0.0625–0.0781
0.0260–0.0325
0.0171–0.0214
0.0130–0.0162
0.0117–0.0146
4
00000001 00
0.0781–0.0937
0.0325–0.0390
0.0214–0.0257
0.0162–0.0195
0.0146–0.0175
5
00000001 01
0.0937–0.1093
0.0390–0.0455
0.0257–0.0300
0.0195–0.0227
0.0175–0.0205
6
00000001 10
0.1093–0.1250
0.0455–0.0521
0.0300–0.0343
0.0227–0.0260
0.0205–0.0234
7
00000001 11
0.1250–0.14060
0.0521–0.0586
0.0343–0.0386
0.0260–0.0292
0.0234–0.0263
8
00000010 00
•
•
•
4.0000–4.0156
1.6675–1.6740
1.1000–1.1042
0.8325–0.8357
0.7500–0.7529
256 (1/4 scale) 01000000 00
•
•
•
8.0000–8.0156
3.3300–3.3415
2.2000–2.2042
1.6650–1.6682
1.5000–1.5029
512 (1/2 scale) 10000000 00
•
•
•
12.0000–12.0156
5.0025–5.0090
3.3000–3.3042
2.4975–2.5007
2.2500–2.2529
768 (3/4 scale) 11000000 00
•
•
•
15.8281–15.8437
6.5983–6.6048
4.3527–4.3570
3.2942–3.2974
2.9677–2.9707
1013
11111101 01
15.8437–15.8593
6.6048–6.6113
4.3570–4.3613
3.2974–3.3007
2.9707–2.9736
1014
11111101 10
15.8593–15.8750
6.6113–6.6178
4.3613–4.3656
3.3007–3.3039
2.9736–2.9765
1015
11111101 11
15.8750–15.8906
6.6178–6.6244
4.3656–4.3699
3.3039–3.3072
2.9765–2.9794
1016
11111110 00
15.8906–15.9062
6.6244–6.6309
4.3699–4.3742
3.3072–3.3104
2.9794–2.9824
1017
11111110 01
15.9062–15.9218
6.6309–6.6374
4.3742–4.3785
3.3104–3.3137
2.9824–2.9853
1018
11111110 10
15.9218–15.9375
6.6374–6.4390
4.3785–4.3828
3.3137–3.3169
2.9853–2.9882
1019
11111110 11
15.9375–15.9531
6.6439–6.6504
4.3828–4.3871
3.3169–3.3202
2.9882–2.9912
1020
11111111 00
15.9531–15.9687
6.6504–6.6569
4.3871–4.3914
3.3202–3.3234
2.9912–2.9941
1021
11111111 01
15.9687–15.9843
6.6569–6.6634
4.3914–4.3957
3.3234–3.3267
2.9941–2.9970
1022
11111111 10
>15.9843
>6.6634
>4.3957
>3.3267
>2.9970
1023
11111111 11
*The VCC output codes listed assume that VCC is 3.3 V. If VCC input is reconfigured for 5 V operation (by setting Bit 7 of Configuration Register 1), then the VCC
output codes are the same as for the +5VIN column.
Rev. 4 | Page 14 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com