Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 33 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
REV. C
ADT7463
–33–
Table IV. ADT7463 Registers (continued)
Address R/W Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Lockable?
0x5C
R/W PWM1 Configuration Register
BHVR
BHVR
BHVR
INV
SLOW SPIN
SPIN
SPIN
0x62
YES
0x5D
R/W PWM2 Configuration Register
BHVR
BHVR
BHVR
INV
SLOW SPIN
SPIN
SPIN
0x62
YES
0x5E
R/W PWM3 Configuration Register
BHVR
BHVR
BHVR
INV
SLOW SPIN
SPIN
SPIN
0x62
YES
0x5F
R/W Remote 1 TRANGE/PWM 1 Freq RANGE RANGE RANGE RANGE THRM FREQ
FREQ
FREQ
0xC4
YES
0x60
R/W Local Temp TRANGE/PWM 2 Freq RANGE RANGE RANGE RANGE THRM FREQ
FREQ
FREQ
0xC4
YES
0x61
R/W Remote 2 TRANGE/PWM 3 Freq RANGE RANGE RANGE RANGE THRM FREQ
FREQ
FREQ
0xC4
YES
0x62
R/W Enhance Acoustics Reg 1
MIN3
MIN2
MIN1
SYNC
EN1
ACOU
ACOU
ACOU 0x00
YES
0x63
R/W Enhance Acoustics Reg 2
EN2
ACOU2 ACOU2 ACOU2 EN3
ACOU3 ACOU3 ACOU3 0x00
YES
0x64
R/W PWM1 Min Duty Cycle
7
6
5
4
3
2
1
0
0x80
YES
0x65
R/W PWM2 Min Duty Cycle
7
6
5
4
3
2
1
0
0x80
YES
0x66
R/W PWM3 Min Duty Cycle
7
6
5
4
3
2
1
0
0x80
YES
0x67
R/W Remote 1 Temp TMIN
76
5
432
1
0
0x5A
YES
0x68
R/W Local Temp TMIN
76
5
432
1
0
0x5A
YES
0x69
R/W Remote 2 Temp TMIN
76
5
432
1
0
0x5A
YES
0x6A
R/W Remote 1 THERM Limit
7
6
5
4
3
2
1
0
0x64
YES
0x6B
R/W Local THERM Limit
7
6
5
4
3
2
1
0
0x64
YES
0x6C
R/W Remote 2 THERM Limit
7
6
5
4
3
2
1
0
0x64
YES
0x6D
R/W Remote 1 Local Temp Hysteresis HYSR1 HYSR1 HYSR1
HYSR1 HYSL
HYSL
HYSL
HYSL
0x44
YES
0x6E
R/W Remote 2 Temp Hysteresis
HYSR2 HYSR2 HYSR2
HYSR2 RES
RES
RES
RES
0x40
YES
0x6F
R/W XOR Tree Test Enable
RES
RES
RES
RES
RES
RES
RES
XEN
0x00
YES
0x70
R/W Remote 1 Temperature Offset
7
6
5
4
3
2
1
0
0x00
YES
0x71
R/W Local Temperature Offset
7
6
5
4
3
2
1
0
0x00
YES
0x72
R/W Remote 2 Temperature Offset
7
6
5
4
3
2
1
0
0x00
YES
0x73
R/W Configuration Register 2
SHDN
CONV
ATTN
AVG
AIN4
AIN3
AIN2
AIN1
0x00
YES
0x74
R/W Interrupt Mask 1 Register
OOL
R2T
LT
R1T
5V
VCC
VCCP
2.5V
0x00
0x75
R/W Interrupt Mask 2 Register
D2
D1
F4P
FAN3
FAN2
FAN1
OVT
12V/VC 0x00
0x76
R/W Extended Resolution Register 1
5V
5V
VCC
VCC
VCCP
VCCP
2.5V
2.5V
0x00
0x77
R/W Extended Resolution Register 2
TDM2
TDM2
LTMP
LTMP TDM1 TDM1
12V
12V
0x00
0x78
R/W Configuration Register 3
DC4
DC3
DC2
DC1
FAST
BOOST THERM ALERT 0x00
YES
Enable
0x79
R
THERM Status Register
TMR
TMR
TMR
TMR
TMR
TMR
TMR
ASRT\ 0x00
TMR0
0x7A
R/W THERM Limit Register
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
0x00
0x7B
R/W Fan Pulses per Revolution
FAN4
FAN4
FAN3
FAN3
FAN2
FAN2
FAN1
FAN1
0x55
0x7D
R/W Configuration Register 4
RES
RES
RES
RES
AINL
AINL
TH5V
AL2.5V 0x00
YES
0x7E
R
Test Register 1
DO NOT WRITE TO THESE REGISTERS
0x00
YES
0x7F
R
Test Register 2
DO NOT WRITE TO THESE REGISTERS
0x00
YES
Rev. 4 | Page 33 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com