Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 50 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 50 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
REV. C
–50–
ADT7463
Table XXXIX. Register 0x7B – Fan Pulses per Revolution Register (Power-On Default = 0x55)
Bit
Name
R/W
Description
<1:0>
FAN1
Read/Write
Sets number of pulses to be counted when measuring FAN 1 speed. Can be used to
determine fan’s pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (Default)
10 = 3
11 = 4
<3:2>
FAN2
Read/Write
Sets number of pulses to be counted when measuring FAN 2 speed. Can be used to
determine fan’s pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (Default)
10 = 3
11 = 4
<5:4>
FAN3
Read/Write
Sets number of pulses to be counted when measuring FAN 3 speed. Can be used to
determine fan’s pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (Default)
10 = 3
11 = 4
<7:6>
FAN4
Read/Write
Sets number of pulses to be counted when measuring FAN 4 speed. Can be used to
determine fan’s pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (Default)
10 = 3
11 = 4
Table XL. Register 0x7D – Configuration Register 4 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<0>
AL2.5V
Read/Write
AL2.5V = 1, Pin 22 (2.5V/SMBALERT) is configured as an SMBALERT interrupt
output to indicate out-of-limit error conditions. AL2.5V = 0, Pin 22 (2.5V/SMBALERT)
is configured as a 2.5 V measurement input.
<1>
TH5V
Read/Write
TH5V = 1, Pin 20 (5V/THERM) is configured as THERM pin. For THERM
Monitoring, Bit 1 (THERM Timer) of Configuration Register 3 must also be set.
TH5V = 0, Pin 20 (5V/THERM) is configured as 5 V measurement input.
<3:2>
AINL
Read/Write
These two bits define the input threshold for 2-wire fan speed measurements:
00 = �20 mV
01 = �40 mV
10 = �80 mV
11 = �130 mV
<7:4>
RES
Unused.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Table XLI. Register 0x7E – Manufacturer’s Test Register 1 (Power-On Default = 0x00)
Bit
Name
Read/Write
Description
<7:0>
Reserved
Read-Only
Manufacturer’s Test Register. These bits are reserved for manufacturer’s test
purposes and should NOT be written to under normal operation.
Table XLII. Register 0x7F – Manufacturer’s Test Register 2 (Power-On Default = 0x00)
Bit
Name
Read/Write
Description
<7:0>
Reserved
Read-Only
Manufacturer’s Test Register. These bits are reserved for manufacturer’s test
purposes and should NOT be written to under normal operation.
Rev. 4 | Page 50 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com