Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 40 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
REV. C
–40–
ADT7463
Table XVII. Temperature Limit Registers
Register Address
R/W
Description
Power-On Default
0x4E
Read/Write
Remote 1 Temp Low Limit
0x81
0x4F
Read/Write
Remote 1 Temp High Limit
0x7F
0x50
Read/Write
Local Temp Low Limit
0x81
0x51
Read/Write
Local Temp High Limit
0x7F
0x52
Read/Write
Remote 2 Temp Low Limit
0x81
0x53
Read/Write
Remote 2 Temp High Limit
0x7F
Exceeding any of these temperature limits by 1
°C causes the appropriate status bit to be set in the Interrupt Status Register. Setting the Configuration Register 1 Lock
bit has no effect on these registers.
High Limits: An interrupt is generated when a value exceeds its high limit (> comparison).
Low Limits: An interrupt is generated when a value is equal to or below its low limit (
≤ comparison).
Table XVIII. Fan Tachometer Limit Registers
Register Address
R/W
Description
Power-On Default
0x54
Read/Write
TACH1 Minimum Low Byte
0xFF
0x55
Read/Write
TACH1 Minimum High Byte
0xFF
0x56
Read/Write
TACH2 Minimum Low Byte
0xFF
0x57
Read/Write
TACH2 Minimum High Byte
0xFF
0x58
Read/Write
TACH3 Minimum Low Byte
0xFF
0x59
Read/Write
TACH3 Minimum High Byte
0xFF
0x5A
Read/Write
TACH4 Minimum Low Byte
0xFF
0x5B
Read/Write
TACH4 Minimum High Byte
0xFF
Exceeding any of the TACH limit registers by 1 indicates that the fan is running too slowly or has stalled. The appropriate status bit is set in Interrupt Status Register
2 to indicate the fan failure. Setting the Configuration Register 1 Lock bit has no effect on these registers.
Rev. 4 | Page 40 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com