Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 36 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
REV. C
–36–
ADT7463
Table X. Register 0x36 – Dynamic TMIN Control Register 1 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<0>
CYR2
Read/Write
MSB of 3-Bit Remote 2 Cycle Value. The other two bits of the code reside in Dynamic TMIN
Control Register 2 (Reg. 0x37). These three bits define the delay time between making sub-
sequent TMIN adjustments in the control loop, in terms of number of monitoring cycles.
The system has associated thermal time constants that need to be found to optimize
the response of fans and the control loop.
<1>
VCCPLO
Read/Write
VCCPLO = 1. When the power is supplied from 3.3 V STANDBY and the core voltage
(VCCP) drops below its VCCP low limit value (Reg. 0x46), the following occurs:
• Status Bit 1 in Status Register 1 gets set.
•SMBALERT gets generated if enabled.
• PROCHOT monitoring is disabled.
•Dynamic TMIN control is disabled.
•The device is prevented from entering shutdown.
•Everything re-enabled once VCCP increases above VCCP low limit.
<2>
PHTR1
Read/Write
PHTR1 = 1 copies the Remote 1 current temperature to the Remote 1 Operating Point
Register if THERM gets asserted. The operating point contains the temperature at
which THERM is asserted. This allows the system to run as quietly as possible without
system performance being affected. PHTR1 = 0 ignores any THERM assertions on the
THERM pin. The Remote 1 Operating Point Register reflects its programmed value.
<3>
PHTL
Read/Write
PHTL = 1 copies the local channel’s current temperature to the Local Operating Point
Register if THERM gets asserted. The operating point contains the temperature at
which THERM is asserted. This allows the system to run as quietly as possible without
system performance being affected. PHTL = 0 ignores any THERM assertions on the
THERM pin. The Local Temp Operating Point Register reflects its programmed value.
<4>
PHTR2
Read/Write
PHTR2 = 1 copies the Remote 2 current temperature to the Remote 2 Operating Point
Register if THERM gets asserted. The operating point contains the temperature at
which THERM is asserted. This allows the system to run as quietly as possible without
system performance being affected. PHTR2 = 0 ignores any THERM assertions on the
THERM pin. The Remote 2 Operating Point Register reflects its programmed value.
<5>
R1T
Read/Write
R1T = 1 enables dynamic TMIN control on the Remote 1 Temperature channel. The
chosen TMIN value is dynamically adjusted based on the current temperature, oper-
ating point, and high and low limits for this zone. R1T = 0 disables dynamic TMIN con-
trol. The TMIN value chosen is not adjusted and the channel behaves as described
in the Automatic Fan Control section.
<6>
LT
Read/Write
LT = 1 enables dynamic TMIN control on the Local Temperature channel. The chosen
TMIN value is dynamically adjusted based on the current temperature, operating
point, and high and low limits for this zone. LT = 0 disables dynamic TMIN control. The
TMIN value chosen is not adjusted and the channel behaves as described in the
Automatic Fan Control section.
<7>
R2T
Read/Write
R2T = 1 enables dynamic TMIN control on the Remote 2 Temperature channel. The
chosen TMIN value is dynamically adjusted based on the current temperature,
operating point, and high and low limits for this zone. R2T = 0 disables dynamic TMIN
control. The TMIN value chosen is not adjusted and the channel behaves as
described in the Automatic Fan Control section.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any subsequent attempts to write to this register fail.
Rev. 4 | Page 36 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com