Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 38 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
REV. C
–38–
ADT7463
Table XII. Register 0x40 – Configuration Register 1 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<0>
STRT
Read/Write
Logic 1 enables monitoring and PWM control outputs based on the limit settings pro-
grammed. Logic 0 disables monitoring and PWM control based on the default power-up
limit settings. Note that the limit values programmed are preserved even if a Logic 0 is
written to this bit and the default settings are enabled. This bit becomes read-only and
cannot be changed once Bit 1 (LOCK bit) has been written. All limit registers should be
programmed by BIOS before setting this bit to 1. (Lockable.)
<1>
LOCK
Write Once
Logic 1 locks all limit values to their current settings. Once this bit is set, all lockable
registers become read-only and cannot be modified until the ADT7463 is powered down
and powered up again. This prevents rogue programs such as viruses from modifying
critical system limit settings. (Lockable.)
<2>
RDY
Read-Only
This bit gets set to 1 by the ADT7463 to indicate that the device is fully powered-up
and ready to begin systems monitoring.
<3>
FSPD
Read/Write
When set to 1, this runs all fans at full speed. Power-on default = 0. This bit does not get
locked at any time.
<4>
V � I
Read/Write
BIOS should set this bit to a 1 when the ADT7463 is configured to measure current
from an ADI ADOPTTM VRM controller and measure the CPU’s core voltage. This
allows monitoring software to display CPU watts usage. (Lockable.)
<5>
FSPDIS
Read/Write
Logic 1 disables fan spin-up for two TACH pulses. Instead, the PWM outputs go high
for the entire fan spin-up timeout selected.
<6>
TODIS
Read/Write
When this bit is set to 1, the SMBus timeout feature is disabled. This allows the
ADT7463 to be used with SMBus controllers that cannot handle SMBus
timeouts. (Lockable.)
<7>
VCC
Read/Write
When this bit is set to 1, the ADT7463 rescales its VCC pin to measure a 5 V supply. If
this bit is 0, the ADT7463 measures VCC as a 3.3 V supply. (Lockable.)
Table XIII. Register 0x41 – Interrupt Status Register 1 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<0>
2.5V
Read-Only
A one indicates the 2.5 V high or low limit has been exceeded. This bit gets cleared on
a read of the status register only if the error condition has subsided.
<1>
VCCP
Read-Only
A one indicates the VCCP high or low limit has been exceeded. This bit gets cleared on
a read of the status register only if the error condition has subsided.
<2>
VCC
Read-Only
A one indicates the VCC high or low limit has been exceeded. This bit gets cleared on a
read of the status register only if the error condition has subsided.
<3>
5V
Read-Only
A one indicates the 5 V high or low limit has been exceeded. This bit gets cleared on a
read of the status register only if the error condition has subsided.
<4>
R1T
Read-Only
A one indicates the Remote 1 Low or High temp limit has been exceeded. This bit gets
cleared on a read of the status register only if the error condition has subsided.
<5>
LT
Read-Only
A one indicates the Local Low or High temp limit has been exceeded. This bit gets
cleared on a read of the status register only if the error condition has subsided.
<6>
R2T
Read-Only
A one indicates the Remote 2 Low or High temp limit has been exceeded. This bit gets
cleared on a read of the status register only if the error condition has subsided.
<7>
OOL
Read-Only
A one indicates that an out-of-limit event has been latched in Status Register 2. This
bit is a logical OR of all status bits in Status Register 2. Software can test this bit in
isolation to determine whether any of the voltage, temperature, or fan speed readings
represented by Status Register 2 are out-of-limit. This saves the need to read Status
Register 2 every interrupt or polling cycle.
Rev. 4 | Page 38 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com