Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
REV. C
ADT7463
–17–
If a discrete transistor is used, the collector will not be grounded
and should be linked to the base. If a PNP transistor is used, the
base is connected to the D– input and the emitter to the D+
input. If an NPN transistor is used, the emitter is connected to
the D– input and the base to the D+ input. Figures 15a and 15b
show how to connect the ADT7463 to an NPN or PNP transis-
tor for temperature measurement. To prevent ground noise from
interfering with the measurement, the more negative terminal of
the sensor is not referenced to ground but is biased above ground
by an internal diode at the D– input.
To measure
∆VBE, the sensor is switched between operating currents
of I and N � I. The resulting waveform is passed through a
65 kHz low-pass filter to remove noise and to a chopper-stabilized
amplifier that performs the functions of amplification and recti-
fication of the waveform to produce a dc voltage proportional to
∆VBE. This voltage is measured by the ADC to give a tempera-
ture output in 10-bit, twos complement format. To further reduce
the effects of noise, digital filtering is performed by averaging
the results of 16 measurement cycles. A remote temperature
measurement takes nominally 25.5 ms. The results of remote
temperature measurements are stored in 10-bit, twos complement
format, as illustrated in Table III. The extra resolution for the
temperature measurements is held in the Extended Resolution
Register 2 (Reg. 0x77). This gives temperature readings with a
resolution of 0.25�C.
Table III. Temperature Data Format
Temperature
Digital Output (10-Bit)*
–128�C
1000 0000 00
–125�C
1000 0011 00
–100�C
1001 1100 00
–75�C
1011 0101 00
–50�C
1100 1110 00
–25�C
1110 0111 00
–10�C
1111 0110 00
0�C
0000 0000 00
+10.25�C
0000 1010 01
+25.5�C
0001 1001 10
+50.75�C
0011 0010 11
+75�C
0100 1011 00
+100�C
0110 0100 00
+125�C
0111 1101 00
+127�C
0111 1111 00
*Bold denotes 2 LSBs of measurement in Extended
Resolution Register 2 (Reg. 0x77) with 0.25�C resolution.
ADT7463
2N3904
NPN
D+
D–
Figure 15a. Measuring Temperature Using an
NPN Transistor
2N3906
PNP
ADT7463
D+
D–
Figure 15b. Measuring Temperature Using a PNP
Transistor
Nulling Out Temperature Errors
As CPUs run faster, it is getting more difficult to avoid high
frequency clocks when routing the D+, D– traces around a
system board. Even when recommended layout guidelines are
followed, there may still be temperature errors attributed to
noise being coupled onto the D+/D– lines. High frequency noise
generally has the effect of giving temperature measurements that are
too high by a constant amount. The ADT7463 has temperature
offset registers at Addresses 0x70, 0x72 for the Remote 1 and
Remote 2 temperature channels. By doing a one-time calibration
of the system, one can determine the offset caused by system
board noise and null it out using the offset registers. The offset
registers automatically add a twos complement 8-bit reading to
every temperature measurement. The LSBs add 0.25
°C offset to
the temperature reading so the 8-bit register effectively allows
temperature offsets of up to �32�C with a resolution of 0.25�C.
This ensures that the readings in the temperature measurement
registers are as accurate as possible.
Temperature Offset Registers
Reg. 0x70 Remote 1 Temperature Offset = 0x00 (0
°C Default)
Reg. 0x71 Local Temperature Offset = 0x00 (0
°C Default)
Reg. 0x72 Remote 2 Temperature Offset = 0x00 (0
°C Default)
Rev. 4 | Page 17 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com