Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
REV. C
ADT7463
–27–
Driving 2-Wire Fans
Figure 33 shows how a 2-wire fan may be connected to the
ADT7463. This circuit allows the speed of a 2-wire fan to be
measured, even though the fan has no dedicated TACH signal.
A series resistor, RSENSE, in the fan circuit converts the fan
commutation pulses into a voltage. This is ac-coupled into the
ADT7463 through the 0.01
µF capacitor. On-chip signal
conditioning allows accurate monitoring of fan speed. The
value of RSENSE chosen depends upon the programmed input
threshold and the current drawn by the fan. For fans drawing
approximately 200 mA, a 2
Ω RSENSE value is suitable when the
threshold is programmed as 40 mV. For fans that draw more
current, such as larger desktop or server fans, RSENSE may be
reduced for the same programmed threshold. The smaller the
threshold programmed the better, since more voltage is developed
across the fan and the fan spins faster. Figure 34 shows a typical
plot of the sensing waveform at the TACH/AIN pin. The most
important thing is that the voltage spikes (either negative going
or positive going) are more than 40 mV in amplitude. This
allows fan speed to be reliably determined.
ADT7463
TACH/AIN
PWM
10k�
TYPICAL
3.3V
+V
Q1
NDT3055L
5V OR
12V FAN
RSENSE
2�
TYPICAL
0.01�F
1N4148
Figure 33. Driving a 2-Wire Fan
Figure 34. Fan Speed Sensing Waveform at TACH/AIN Pin
LAYING OUT 2-WIRE AND 3-WIRE FANS
Figure 35 shows how to lay out a common circuit arrangement
for 2-wire and 3-wire fans. Some components are not populated,
depending on whether a 2-wire or 3-wire fan is being used.
3.3V OR 5V
TACH/AIN
PWM
12V OR 5V
Q1
MMBT2222
R4
R5
R3
C1
R2
R1
FOR 3-WIRE FANS:
POPULATE R1, R2, R3
R4 = 0�
C1 = UNPOPULATED
FOR 2-WIRE FANS:
POPULATE R4, C1
R1, R2, R3 UNPOPULATED
1N4148
Figure 35. Planning for 2-Wire or 3-Wire Fans on a PCB
TACH Inputs
Pins 9, 11, 12, and 14 are open-drain TACH inputs intended
for fan speed measurement.
Signal conditioning in the ADT7463 accommodates the slow rise
and fall times typical of fan tachometer outputs. The maximum
input signal range is 0 V to 5 V, even where VCC is less than 5 V.
In the event that these inputs are supplied from fan outputs that
exceed 0 V to 5 V, either resistive attenuation of the fan signal
or diode clamping must be included to keep inputs within an
acceptable range.
Figures 36a to 36d show circuits for most common fan
TACH outputs.
If the fan TACH output has a resistive pull-up to VCC, it can
be connected directly to the fan input, as shown in Figure 36a.
12V
ADT7463
FAN SPEED
COUNTER
TACH
TACH
OUTPUT
PULL-UP
4.7k�
TYP
VCC
Figure 36a. Fan with TACH Pull-Up to VCC
If the fan output has a resistive pull-up to 12 V (or other voltage
greater than 5 V) then the fan output can be clamped with a
Zener diode, as shown in Figure 36b. The Zener diode voltage
should be chosen so that it is greater than VIH of the TACH
input but less than 5 V, allowing for the voltage tolerance of the
Zener. A value of between 3 V and 5 V is suitable.
Rev. 4 | Page 27 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com