Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 48 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
REV. C
–48–
ADT7463
Table XXXII. Register 0x74 – Interrupt Mask Register 1 (Power-On Default <7:0> = 0x00)
Bit
Name
R/W
Description
0
2.5V
Read/Write
A one masks SMBALERT for out-of-limit conditions on the 2.5 V channel.
1VCCP
Read/Write
A one masks SMBALERT for out-of-limit conditions on the VCCP channel.
2VCC
Read/Write
A one masks SMBALERT for out-of-limit conditions on the VCC channel.
35V
Read/Write
A one masks SMBALERT for out-of-limit conditions on the 5 V channel.
4
R1T
Read/Write
A one masks SMBALERT for out-of-limit conditions on the Remote 1
Temperature channel.
5LT
Read/Write
A one masks SMBALERT for out-of-limit conditions on the Local
Temperature channel.
6
R2T
Read/Write
A one masks SMBALERT for out-of-limit conditions on the Remote 2
Temperature channel.
7
OOL
Read/Write
A one masks SMBALERT for any out-of-limit condition in Status Register 2.
Table XXXIII. Register 0x75 – Interrupt Mask Register 2 (Power-On Default <7:0> = 0x00)
Bit
Name
R/W
Description
0
12V/VC
Read/Write
A one masks SMBALERT for out-of-limit conditions on the 12 V channel.
1
OVT
Read Only
A one masks SMBALERT for overtemperature THERM conditions.
2
FAN1
Read/Write
A one masks SMBALERT for a Fan 1 Fault.
3
FAN2
Read/Write
A one masks SMBALERT for a Fan 2 Fault.
4
FAN3
Read/Write
A one masks SMBALERT for a Fan 3 Fault.
5
F4P
Read/Write
A one masks SMBALERT for a Fan 4 Fault. If the TACH4 pin is being used as the
THERM input, this bit masks SMBALERT for a THERM timer event.
6D1
Read/Write
A one masks SMBALERT for a diode open or short on Remote 1 channel.
7D2
Read/Write
A one masks SMBALERT for a diode open or short on Remote 2 channel.
Table XXXIV. Register 0x76 – Extended Resolution Register 1
Bit
Name
R/W
Description
<1:0>
2.5V
Read-Only
2.5 V LSBs. Holds the 2 LSBs of the 10-bit 2.5 V measurement.
<3:2>
VCCP
Read-Only
VCCP LSBs. Holds the 2 LSBs of the 10-bit VCCP measurement.
<5:4>
VCC
Read-Only
VCC LSBs. Holds the 2 LSBs of the 10-bit VCC measurement.
<7:6>
5V
Read-Only
5 V LSBs. Holds the 2 LSBs of the 10-bit 5 V measurement.
If this register is read, this register and the registers holding the MSB of each reading are frozen until read.
Table XXXV. Register 0x77 – Extended Resolution Register 2
Bit
Name
R/W
Description
<1:0>
12V
Read-Only
12 V LSBs. Holds the 2 LSBs of the 10-bit 12 V measurement.
<3:2>
TDM1
Read-Only
Remote 1 Temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 1
Temperature measurement.
<5:4>
LTMP
Read-Only
Local Temperature LSBs. Holds the 2 LSBs of the 10-bit Local
Temperature measurement.
<7:6>
TDM2
Read-Only
Remote 2 Temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 2
Temperature measurement.
If this register is read, this register and the registers holding the MSB of each reading are frozen until read.
Rev. 4 | Page 48 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com