Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
REV. C
–8–
ADT7463
TACH2
PWM3
TACH3
D1+
D1–
3.3VSB
5V
12V/VID5
CURRENT
VCORE
GND
SMBALERT
ADT7463
SCL
SDA
THERM
D2+
D2–
VID[0:4]/VID[0:5]
TACH1
PWM1
ADP316x
VRM
CONTROLLER
FRONT
CHASSIS
FAN
REAR
CHASSIS
FAN
AMBIENT
TEMPERATURE
VCOMP
5(VRM9)/6(VRM10)
PROCHOT
Figure 2. Recommended Implementation
RECOMMENDED IMPLEMENTATION
Configuring the ADT7463 as in Figure 2 allows the systems
designer the following features:
• Six VID inputs (VID0 to VID5) for VRM10 support.
• Two PWM outputs for fan control of up to three fans
(the front and rear chassis fans are connected in parallel).
• Three TACH fan speed measurement inputs.
• VCC measured internally through Pin 4.
• CPU core voltage measurement (VCORE).
• 2.5 V measurement input used to monitor CPU current
(connected to VCOMP output of ADP316x VRM controller).
This is used to determine CPU power consumption.
• 5 V measurement input.
• VRM temperature uses local temperature sensor.
• CPU temperature measured using Remote 1 temperature
channel.
• Ambient temperature measured through Remote 2 temperature
channel.
• If not using VID5, this pin can be reconfigured as the 12 V
monitoring input.
• Bidirectional THERM pin. Allows Intel Pentium 4 PROCHOT
monitoring and can function as an overtemperature THERM
output.
• SMBALERT system interrupt output.
See the AN-612 ADT7463 Configuration application note for more
information and register settings for all possible configurations
(www.analog.com/UploadedFiles/Application_Notes/408599520AN612_0.pdf).
Rev. 4 | Page 8 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com