Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 46 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 46 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
REV. C
–46–
ADT7463
Table XXVII. XOR Tree Test Enable
Register Address
R/W*
Description
Power-On Default
0x6F
Read/Write
XOR Tree Test Enable Register
0x00
<0>
XEN
If the XEN bit is set to 1, the device enters the XOR Tree Test Mode. Clearing the bit
removes the device from the XOR Test Mode.
<7:1>
Reserved
Unused. Do not write to these bits.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Table XXVIII. Remote 1 Temperature Offset
Register Address
R/W*
Description
Power-On Default
0x70
Read/Write
Remote 1 Temperature Offset
0x00
<7:0>
Read/Write
Allows a twos complement offset value to be automatically added to or subtracted from
the Remote 1 Temperature reading. This is to compensate for any inherent system offsets
such as PCB trace resistance. LSB value = 0.25
°C.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Table XXIX. Local Temperature Offset
Register Address
R/W*
Description
Power-On Default
0x71
Read/Write
Local Temperature Offset
0x00
<7:0>
Read/Write
Allows a twos complement offset value to be automatically added to or subtracted from
the local temperature reading. LSB value = 0.25
°C.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Table XXX. Remote 2 Temperature Offset
Register Address
R/W*
Description
Power-On Default
0x72
Read/Write
Remote 2 Temperature Offset
0x00
<7:0>
Read/Write
Allows a twos complement offset value to be automatically added to or subtracted from
the Remote 2 Temperature reading. This is to compensate for any inherent system off-
sets such as PCB trace resistance. LSB value = 0.25
°C.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Rev. 4 | Page 46 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com