Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 43 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
REV. C
ADT7463
–43–
Table XXI. Register 0x62 – Enhance Acoustics Reg 1 (Power-On Default = 0x00)
Bit
Name
R/W*
Description
<2:0>
ACOU
Read/Write
These bits select the ramp rate applied to the PWM1 output. Instead of PWM1 jump-
ing instantaneously to its newly calculated speed, PWM1 ramps gracefully at the rate
determined by these bits. This feature enhances the acoustics of the fan being driven by
the PWM1 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 s
001 = 2
17.6 s
010 = 3
18 s
011 = 5
7 s
100 = 8
4.4 s
101 = 12
3 s
110 = 24
1.6 s
111 = 48
0.8 s
<3>
EN1
Read/Write
When this bit is 1, acoustic enhancement is enabled on PWM1 output.
<4>
SYNC
Read/Write
SYNC = 1 synchronizes fan speed measurements on TACH2, TACH3, and
TACH4 to PWM3. This allows up to three fans to be driven from PWM3 output and
their speeds to be measured.
SYNC = 0, only TACH3 and TACH4 are synchronized to PWM3 output.
<5>
MIN1
Read/Write
When the ADT7463 is in automatic fan control mode, this bit defines whether PWM 1
is off (0% duty cycle) or at PWM 1 Minimum Duty Cycle when the controlling tem-
perature is below its TMIN – Hysteresis value.
0 = 0% duty cycle below TMIN – Hysteresis.
1 = PWM 1 Minimum Duty Cycle below TMIN – Hysteresis.
<6>
MIN2
Read/Write
When the ADT7463 is in automatic fan speed control mode, this bit defines whether
PWM 2 is off (0% duty cycle) or at PWM 2 Minimum Duty Cycle when the controlling
temperature is below its TMIN – Hysteresis value.
0 = 0% duty cycle below TMIN – Hysteresis.
1 = PWM 2 Minimum Duty Cycle below TMIN – Hysteresis.
<7>
MIN3
Read/Write
When the ADT7463 is in automatic fan speed control mode, this bit defines whether
PWM 3 is off (0% duty cycle) or at PWM 3 Minimum Duty Cycle when the controlling
temperature is below its TMIN – Hysteresis value.
0 = 0% duty cycle below TMIN – Hysteresis.
1 = PWM 3 Minimum Duty Cycle below TMIN – Hysteresis.
*This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register will have no effect.
Rev. 4 | Page 43 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com