Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7463ARQZ-R7 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7463ARQZ-R7
Description  dB COOL??Remote Thermal Controller and Voltage Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7463ARQZ-R7 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7463ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7463ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
REV. C
ADT7463
–9–
SERIAL BUS INTERFACE
Control of the ADT7463 is carried out using the serial system
management bus (SMBus). The ADT7463 is connected to this
bus as a slave device, under the control of a master controller.
The ADT7463 has a 7-bit serial bus address. When the device
is powered up with Pin 13 (PWM3/ADDRESS ENABLE) high,
the ADT7463 has a default SMBus address of 0101110 or
0x2E. The read/write bit must be added to get the 8-bit address. If
more than one ADT7463 is used in a system, then each ADT7463
should be placed in address select mode by strapping Pin 13 low on
power-up. The logic state of Pin 14 then determines the device’s
SMBus address. The logic of these pins is sampled upon power-up.
The device address is sampled and latched on the first valid
SMBus transaction, more precisely on the low-to-high transition
at the beginning of the 8th SCL pulse, when the serial bus address
byte matches the selected slave address. The selected slave address
is chosen using the address enable/address select pins. Any
attempted changes in the address will have no effect after this.
Table I. Address Select Mode
Pin 13 State
Pin 14 State
Address
0Low (10 k
Ω to GND)
0101100 (0x2C)
0High (10 k
Ω Pull-Up)
0101101 (0x2D)
1Don’t Care
0101110 (0x2E)
(Default)
ADT7463
14
13
ADDR_SEL
PWM3/ADDR_EN
VCC
10k�
ADDRESS = 0x2E
Figure 3. Default SMBus Address = 0x2E
ADT7463
14
13
ADDR_SEL
PWM3/ADDR_EN
10k�
ADDRESS = 0x2C
Figure 4. SMBus Address = 0x2C (Pin 14 = 0)
The ability to make hardwired changes to the SMBus slave
address allows the user to avoid conflicts with other devices sharing
the same serial bus, for example, if more than one ADT7463 is
used in a system.
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, defined as a high-to-low transition on the serial
data line SDA while the serial clock line SCL remains high.
This indicates that an address/data stream will follow. All
slave peripherals connected to the serial bus respond to the
START condition and shift in the next eight bits, consisting
of a 7-bit address (MSB first) plus a R/W bit, which deter-
mines the direction of the data transfer, i.e., whether data
will be written to or read from the slave device.
ADT7463
ADDR_SEL
PWM3/ADDR_EN
ADDRESS = 0x2D
14
13
VCC
10k�
Figure 5. SMBus Address = 0x2D (Pin 14 = 1)
ADT7463
14
13
ADDR_SEL
PWM3/ADDR_EN
VCC
10k�
DO NOT LEAVE ADDR_EN
UNCONNECTED! CAN
CAUSE UNPREDICTABLE
ADDRESSES.
NC
CARE SHOULD BE TAKEN TO ENSURE THAT PIN 13
(PWM3/ADDR_EN) IS EITHER TIED HIGH OR LOW. LEAVING PIN 13
FLOATING COULD CAUSE THE ADT7463 TO POWER UP WITH AN
UNEXPECTED ADDRESS.
NOTE THAT IF THE ADT7463 IS PLACED INTO ADDRESS SELECT
MODE, PINS 13 AND 14 CANNOT BE USED AS THE ALTERNATE
FUNCTIONS (PWM3, TACH4/THERM) ONLY IF THE CORRECT
CIRCUIT IS MUXED IN AT THE CORRECT TIME.
Figure 6. Unpredictable SMBus Address if Pin 13
Is Unconnected
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowl-
edge Bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
to it. If the R/W bit is a 0, then the master writes to the
slave device. If the R/W bit is a 1, the master reads from
the slave device.
Rev. 4 | Page 9 of 52 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com