Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 271 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 271 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 267Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 268Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 269Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 270Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 271Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 272Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 273Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 274Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 275Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 296 page
background image
ADAU1373
Rev. 0 | Page 271 of 296
Reg. Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0xB8 EQ7_COEF0_HI
[7:0]
EQ7_COEF0_HI
0x00
MMRW
0xB9 EQ7_COEF0_LO
[7:0]
EQ7_COEF0_LO
0x00
MMRW
0xBA EQ7_COEF1_HI
[7:0]
EQ7_COEF1_HI
0x00
MMRW
0xBB EQ7_COEF1_LO
[7:0]
EQ7_COEF1_LO
0x00
MMRW
0xBC EQ7_COEF2_HI
[7:0]
EQ7_COEF2_HI
0x00
MMRW
0xBD EQ7_COEF2_LO
[7:0]
EQ7_COEF2_LO
0x00
MMRW
EQ1_COEF0_HI REGISTER
Address: 0x80, Reset: 0x00, Name: EQ1_COEF0_HI
Equalizer 1 Coefficient 0 Upper Byte
Table 246. Bit Descriptions for EQ1_COEF0_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ1_COEF0_HI
EQ1 Coefficient. Equalizer 1 Coefficient 0 Upper Byte.
0x00
RW
EQ1_COEF0_LO REGISTER
Address: 0x81, Reset: 0x00, Name: EQ1_COEF0_LO
Equalizer 1 Coefficient 0 Lower Byte
Table 247. Bit Descriptions for EQ1_COEF0_LO
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ1_COEF0_LO
EQ1 Coefficient. Equalizer 1 Coefficient 0 Lower Byte.
0x00
RW
EQ1_COEF1_HI REGISTER
Address: 0x82, Reset: 0x00, Name: EQ1_COEF1_HI
Equalizer 1 Coefficient 1 Upper Byte
Table 248. Bit Descriptions for EQ1_COEF1_HI
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
EQ1_COEF1_HI
EQ1 Coefficient. Equalizer 1 Coefficient 1 Upper Byte.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com