Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 296 page
background image
ADAU1373
Rev. 0 | Page 44 of 296
Figure 90 shows another option for similar functionality. The
circuit in Figure 90 does not use the amplifier to pull down the
JACKDET pin (Ball G5); instead, it uses an isolated switch in
the headphone jack.
SPKxN outputs. In addition, it monitors the junction temperature
internally and shuts down if the temperature exceeds 150°C ±
15°C. In fault situations, the amplifier is switched to high-Z
mode for safe and reliable operation.
The logic change of the JACKDET pin is reported in Bit 4,
Register 0x38. In addition, the debounced version of the logic
change is provided in Register 0xE6, Bit 1. Register 0x36 can be
used to control the state of the headphone amplifier and speaker
amplifier. Table 10 lists the possible settings.
The amplifier uses three-level PDM switching and an analog
modulator with internal feedback. This method ensures good
PSRR on the outputs. Three-level switching eliminates the need
for an external output filter for connecting the speakers. However,
it is important to ensure that the speakers be placed within 10 cm
from the ADAU1373 to reduce EMI from the switching outputs.
For best EMI performance, proper board layout is required. It is
recommended that the supply voltage pins (G1, G2, H2, and
H3) be decoupled to SPKGND (H4, H5, J1, and J5) with two
100 nF, X7R ceramic capacitors.
Table 10. Headphone/Speaker Amplifier Control Settings
JACKDET
Pin Status
Reg. 0x36,
Bit 1
Reg. 0x36,
Bit 0
Headphone
Amplifier
Status
Speaker
Amplifier
Status
X1
0
X1
No change
No change
1
1
0
Power-down
No change
0
1
0
No change
Power-down
1
1
1
Power-down
Power-down
The high efficiency amplifier outputs reduce power dissipation;
however, thermal performance depends on layout of the board.
The amplifier receives the input from the speaker mixer and
includes a circuit to prevent pop-and-click during turn off and
turn on.
0
1
1
No change
No change
1 X = don’t care.
The amplifier output level can be controlled using Register 0x0D
(speaker out left gain control) and Register 0x0E (speaker out
right gain control).
For example, if Register 0x36, Bits[1:0] = 10 and JACKDET
is high, the headphone amplifier is shut down, and the speaker
amplifier status is unchanged. Note that the headphone or
speaker amplifier cannot be turned on automatically, based
on a JACKDET pin event. The amplifiers must be enabled via
Register 0x27, a power management register.
The amplifier can be set to work in mono or stereo mode using
Register 0x1F. In mono mode, the left and right channel signals
are mixed before being output to the speaker. The summed signal
can be made available to either the left or right speaker output.
SPEAKER OUTPUT
Register 0x1F, Bits[5:4] can be used to set the mono amplifier
mode for higher output current capability to drive low impedance
loads. In this mode, the left and right channel output FETs are
fed from one modulator only. The corresponding left and right
channel outputs must be connected externally to take advantage
of the low impedance drive capability.
The ADAU1371 provides stereo Class-D amplifier outputs to
drive the speakers directly. The three-level switching scheme
allows the speaker load to be connected directly without any
output filters; it also reduces idle power consumption and EMI by
reducing switching. The amplifier outputs are differential and use
full bridge topology. The amplifier has basic protections, such as
the output short to SPKVDD, SPKGND, and the SPKxP and
The default amplifier gain is 12 dB; it can be changed to 18 dB
using Register 0x1F, Bit 3 (right channel) and Bit 2 (left channel).
2kΩ
AINxP
2.5mm/3.5mm
MINI JACK
PCB
ADAU1373
JACK EVENT
DETECT
PROG
MIC-BIAS2
MIC-PRE2
HP-L
HP-R
JACKDET
MICBIASx
HPL
HPR
SGND
1µF
SPKVDD
100kΩ
TYP
Figure 90. Headphone Jack Detect Option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com