Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 296 page
background image
ADAU1373
Rev. 0 | Page 70 of 296
CONTROL PORTS
The ADAU1373 has a 2-wire I2C bus control port, which can
be used to set the registers. The control port is capable of full
read/write operation for all addressable registers. Operations
such as mute and input/output mode control are programmed
by writing to these registers.
All addresses can be accessed in either single-address mode or
burst mode. The first byte (Byte 1) of a control port write contains
the 7-bit chip address plus the R/W bit. The next byte (Byte 2)
forms the subaddress of the register location within the
ADAU1373. This subaddress must be a single byte long. All
subsequent bytes (starting with Byte 3) contain the data to be
written to the register. The number of bytes per word depends
on the type of data that is being written.
The ADAU1373 provides several mechanisms for updating
signal processing parameters in real time without causing
pops or clicks.
The function of each of the two control port pins (SCL and SDA)
is described in Table 31.
Table 31. Control Port Pin Functions
Pin Name
I2C Mode
SCL
Input clock
SDA
Open-collector input/output
I2C PORT
The ADAU1373 supports a 2-wire serial (I2C-compatible)
microprocessor bus that drives multiple peripherals. Two pins,
serial data (SDA) and serial clock (SCL), carry information
between the ADAU1373 and the system I2C master controller.
In I2C mode, the ADAU1373 is always a slave on the bus,
meaning that it cannot initiate a data transfer. Each slave device
is recognized by a unique address. The address and R/W byte
format is shown in
. The address resides in the first
seven bits of the I2C write. The I2C address for the ADAU1373
is 0x1A. The LSB of the address (the R/
Table 32
W bit) specifies either
a read or write operation. A Logic 1 corresponds to a read
operation, and a Logic 0 corresponds to a write operation.
Burst mode addressing, where the subaddresses are automati-
cally incremented at word boundaries, can be used for writing
large amounts of data to contiguous registers. This increment
happens automatically after a single word write unless a stop
condition is encountered. A data transfer is always terminated
by a stop condition.
The SDA and SCL pins should each have a 2 kΩ pull-up resistor
to IOVDD5 (1.8 V to 3.3 V).
Table 32. I2C Address and Read/Write Byte Format
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
0
0
1
1
0
1
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com