Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 296 page
background image
ADAU1373
Rev. 0 | Page 39 of 296
THEORY OF OPERATION
Mono Differential Mode
ANALOG INPUTS
In mono differential mode, the AINxL/AINxP pins are used as
positive inputs, and the AINxR/AINxN pins are used as negative
inputs for the differential amplifier.
The ADAU1373 provides four stereo (unbalanced)/mono
differential inputs. Each input gain and mode of operation can
be set independently, using the I2C registers. Figure 82 shows the
typical input block for the stereo and mono differential inputs in
the programmable gain amplifier (PGA) modes and boost modes.
The input amplifers use AVDD as the supply voltage. The
AINxP/AINxN input pins are internally biased to AVDD/2,
which is the common-mode voltage for the amplifiers. The
common-mode pin (CM, Ball B9) must be decoupled using the
10 μF electrolytic capacitor, as well as a 100 nF, X7R ceramic
capacitor to keep the reference clean for lower noise. In addition,
the input pins must be provided with an ac coupling capacitor to
the desired source.
Each input can receive either a microphone or a line level signal.
Each input can be set to either stereo single-ended mode or mono
differential mode. In addition, the gain for the input amplifiers
can be set to PGA mode or boost mode. In PGA mode, the gain
can be varied from −12 dB to +18 dB (in 1 dB steps); whereas in
boost mode, it can be varied using one of the following three steps:
0 dB, 9 dB, or 20 dB. In PGA mode, the input resistance varies
as per the gain, with a minimum of ~5.6 kΩ. In boost mode,
the input resistance is constant at ~20 kΩ.
The typical value of the coupling capacitor can be calculated
using the desired 3 dB roll-off frequency, as follows:
Frequency f (3 dB) = 1/(2 × π × RIN × CIN)
(1)
Stereo Single-Ended Mode
where RIN = 5.6 kΩ.
In stereo single-ended mode, the AINxL/AINxP pins are used
as the left channel inputs, and the AINxR/AINxN pins are used
as the right channel inputs.
Typically, a 2.2 μF capacitor is recommended. This sets the
lower frequency cutoff, at 20 Hz, at approximately −1.5 dB.
VCM
STEREO PGA MODE
LEFT MIX
AINxL
AINxR
VCM
RIGHT MIX
RIGHT MIX
VCM
STEREO BOOST MODE
LEFT MIX
AINxL
AINxR
VCM
RIGHT MIX
VCM
DIFFERENTIAL BOOST MODE
LEFT MIX
AINxP
AINxN
VCM
RIGHT MIX
VCM
DIFFERENTIAL PGA MODE
LEFT MIX
AINxP
AINxN
VCM
Figure 82. Typical Input Block for Stereo/Mono Differential Inputs in PGA Modes and Boost Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com