Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 296 page
background image
ADAU1373
Rev. 0 | Page 38 of 296
DETAILED BLOCK DIAGRAM
MUX
MIX
VOL
MUX
MIX
VOL
DSP
DIGITAL ENGINE
ADAU1373
CH1
CH2
CH3
CH4
CH5
CH1
CH2
CH3
CH4
CH5
GPIO1
MCLK1
SDATAOUTA
SDATAINA
GPIO1
MCLK1
BCLKA
LRCLKA
IOVDD1
GPIO2
MCLK2
SDATAOUTB
SDATAINB
GPIO2
MCLK2
BCLKB
LRCLKB
IOVDD2
AIF CLKA
GPIO3
AIF CLKB
AIF CLKA
AIF CLKB
AIF CLKA
AIF CLKB
SDATAINC
GPIO3
BCLKC
LRCLKC
SDATAOUTC
IOVDD3
I2C
GPIO4
SDA
SD
GPIO4
MODE
ADDR
SCL
IOVDD5
DIGITAL
MIC
INTERFACE
DMIC3_4_DATA
DMIC_CLK
DMIC1_2_DATA
IOVDD4
DMIC3/
DMIC4
DECIMATOR
DMIC1/DMIC2
OR
ADC DATA
DMIC1/DMIC2 PDM DATA
RIGHT
ADC
LEFT
ADC
PLLA
PLLB
REFERENCE
POWER-ON
RESET
CHARGE
PUMP
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
0dB TO
+20dB
–12dB TO
+20dB
SINGLE
SINGLE
DIFF
DIFF
–70dB TO 0dB
–70dB TO 0dB
LN2FBIN
SPKLP
SPKLN
SPKRP
SPKRN
LOUT2R/
LOUTRN
LOUT2L/
LOUTLN
LOUT1R/
LOUTRP
LOUT1L/
LOUTLP
LN1FBIN
–70dB TO 0dB
–70dB TO 0dB
–70dB TO 0dB
12dB
12dB
CLASS-D
–70dB TO 0dB
LEFT
DAC2
LEFT
DAC1
RIGHT
DAC1
RIGHT
DAC2
JACKDET
HPL
HPR
SGND
–70dB TO 0dB
–70dB TO 0dB
BSTEN
EPP
EPN
6dB TO 12dB
JACKDETECT LOGIC
CPVSS
CPVDD
MICBIAS2
MICBIAS2
MICBIAS1
IOUT
MICBIAS1
AIN1L/
AIN1P
AIN1R/
AIN1N
AIN2L/
AIN2P
AIN2R/
AIN2N
AIN3L/
AIN3P
AIN3R/
AIN3N
LDAC1
RDAC1
LDAC2
RDAC2
IN1L
IN1R
IN2L
IN2R
IN3L
IN3R
IN4L
IN4R
AIN4R/
AIN4N
AIN4L/
AIN4P
ASRCA
ASRCB
ASRCC
MDRC/DRC
SEVEN
BAND EQ
3D
BASS
ENHANCE
HPF
ALC
SERIAL
DIGITAL
AUDIO
INT.
A
SERIAL
DIGITAL
AUDIO
INT.
B
SERIAL
DIGITAL
AUDIO
INT.
C
Figure 81.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com