Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 296 page
background image
ADAU1373
Rev. 0 | Page 33 of 296
–20
0
–40
–60
–80
–100
–120
–140
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
0
10.0
20.0
Figure 55. FFT, −1 dBFS, 32 Ω, Digital In
→ Earpiece Out
OUTPUT POWER (W)
1
10
0.1
0.01
100µ
10µ
1µ
100n
1m
10m
100m
Figure 56. THD + N vs. Output Power, 32 Ω, Digital In
→ Earpiece Out
1
10
0.1
0.01
0.001
FREQUENCY (Hz)
100
1k
10k
Figure 57. THD + N vs. Frequency, −20 dBFS, 32 Ω, Digital In
→ Earpiece Out
–17
–18
–19
–20
–21
–22
–23
FREQUENCY (Hz)
100
1k
10k
Figure 58. Frequency Response, 32 Ω, Digital In
→ Earpiece Out
0
5
10
15
20
25
30
35
40
45
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
10%
1%
Figure 59. Output Power vs. SPKVDD, 32 Ω, Digital In
→ Earpiece Out
100
1k
FREQUENCY (Hz)
10k
–120
–60
–55
–50
–105
–100
–115
–110
–95
–90
–85
–80
–75
–70
–65
Figure 60. PSRR vs. Frequency, 32 Ω, Digital In
→ Earpiece Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com