Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 71 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 296 page
background image
ADAU1373
Rev. 0 | Page 71 of 296
Addressing
Initially, each device on the I2C bus is in an idle state and monitors
the SDA and SCL lines for a start condition and the correct address.
The I2C master initiates a data transfer by establishing a start
condition, defined by a high-to-low transition on SDA while SCL
remains high. This indicates that an address/data stream follows.
All devices on the bus respond to the start condition and shift
the next eight bits (the 7-bit address plus the R/W bit), MSB first.
The device that recognizes the transmitted address responds by
pulling the data line low during the ninth clock pulse. This ninth
bit is known as an acknowledge bit. All other devices withdraw
from the bus at this point and return to the idle condition.
The R/W bit determines the direction of the data. A Logic 0 on
the LSB of the first byte means that the master writes information
to the peripheral, whereas a Logic 1 means that the master reads
information from the peripheral after writing the subaddress and
repeating the start address. A data transfer takes place until a stop
condition is encountered. A stop condition occurs when SDA
transitions from low to high while SCL is held high.
shows the timing of an I2C single-byte write, and
shows the timing of an I2C single-byte read.
Figure 117
Figure 118
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, the ADAU1373 immediately
jumps to the idle condition. During a given SCL high period,
the user should issue only one start condition, one stop condition,
or a single stop condition followed by a single start condition. If
an invalid subaddress is issued by the user, the ADAU1373 does
not issue an acknowledge and returns to the idle condition.
If the user exceeds the highest subaddress while in autoincrement
mode, one of two actions is taken. In read mode, the ADAU1373
outputs the highest subaddress register contents until the master
device issues a no acknowledge, indicating the end of a read. In
a no acknowledge condition, the SDA line is not pulled low on
the ninth clock pulse on SCL. If the highest subaddress location
is reached while in write mode, the data for the invalid byte is
not loaded into any subaddress register, a no acknowledge is
issued by the ADAU1373, and the part returns to the idle
condition.
R/W
0
SCL
SDA
SCL
(CONTINUED)
SDA
(CONTINUED)
01
1
0
FRAME 1
DEVICE ADDRESS BYTE
FRAME 3
DATA BYTE
1
0
START BY
MASTER
STOP BY
MASTER
ACK BY
ADAU1373
ACK BY
ADAU1373
ACK BY
ADAU1373
FRAME 2
REGISTER ADDRESS BYTE
Figure 117. I2C Single Byte Write
SCL
SDA
SCL
(CONTINUED)
SDA
(CONTINUED)
START BY
MASTER
STOP BY
MASTER
ACK BY
MASTER
ACK BY
ADAU1373
ACK BY
ADAU1373
ACK BY
ADAU1373
R/W
R/W
DEVICE ADDRESS
DEVICE ADDRESS
FRAME 2
REGISTER ADDRESS BYTE
FRAME 1
DEVICE ADDRESS BYTE
REPEATED
START BY MASTER
FRAME 3
DEVICE ADDRESS BYTE
FRAME 4
READ DATA BYTE
Figure 118. I2C Single Byte Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com