Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 75 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 296 page
background image
ADAU1373
Rev. 0 | Page 75 of 296
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
6A
DAIB_RECL_
VOL
[7:0]
DAIBRECLVOL
0x00
RW
6B
DAIB_RECR_
VOL
[7:0]
DAIBRECRVOL
0x00
RW
6C
DAIC_RECL_
VOL
[7:0]
DAICRECLVOL
0x00
RW
6D
DAIC_RECR_
VOL
[7:0]
DAICRECRVOL
0x00
RW
6E
PBAL_VOL
[7:0]
PBALVOL
0x00
RW
6F
PBAR_VOL
[7:0]
PBARVOL
0x00
RW
70
PBBL_VOL
[7:0]
PBBLVOL
0x00
RW
71
PBBR_VOL
[7:0]
PBBRVOL
0x00
RW
72
RECL_VOL
[7:0]
RECLVOL
0x00
RW
73
RECR_VOL
[7:0]
RECRVOL
0x00
RW
74
DRECL_VOL
[7:0]
DRECLVOL
0x00
RW
75
DRECR_VOL
[7:0]
DRECRVOL
0x00
RW
76
VOL_GAIN1
[7:0]
RESERVED
DAICPBRVOL_
GAIN
DAICPBLVOL_
GAIN
DAIBPBRVOL_
GAIN
DAIBPBLVOL_
GAIN
DAIAPBRVOL_
GAIN
DAIAPBLVOL_
GAIN
0x00
RW
77
VOL_GAIN2
[7:0]
RESERVED
DAICRECRVOL_
GAIN
DAICRECLVOL_
GAIN
DAIBRECRVOL_
GAIN
DAIBRECLVOL_
GAIN
DAIARECRVOL_
GAIN
DAIARECLVOL_
GAIN
0x00
RW
78
VOL_GAIN3
[7:0]
DRECRVOL_GAIN DRECLVOL_GAIN RECRVOL_GAIN
RECLVOL_GAIN
PBBRVOL_GAIN
PBBLVOL_GAIN
PBARVOL_GAIN
PBALVOL_GAIN
0x00
RW
7D
HPF_CTRL
[7:0]
HPFF
HPFOR
HPFEN
0x00
RW
7E
BASS1
[7:0]
RESERVED
BASS_LPF
BASS_CUT
BASS_SPK
0x00
RW
7F
BASS2
[7:0]
RESERVED
BASS_GAIN
BASS_SEL
0x00
RW
80
DRC1_CTRL1
[7:0]
DRCNGREC
DRCLELTAV
0x78
RW
81
DRC1_CTRL2
[7:0]
DRCLELATT
DRCLELDEC
0x18
RW
82
DRC1_CTRL3
[7:0]
DRCTHX1
0x00
RW
83
DRC1_CTRL4
[7:0]
DRCTHX2
0x00
RW
84
DRC1_CTRL5
[7:0]
DRCTHX3
0x00
RW
85
DRC1_CTRL6
[7:0]
DRCTHX4
0xC0
RW
86
DRC1_CTRL7
[7:0]
DRCTHY1
0x00
RW
87
DRC1_CTRL8
[7:0]
DRCTHY2
0x00
RW
88
DRC1_CTRL9
[7:0]
DRCTHY3
0x00
RW
89
DRC1_CTRL10
[7:0]
DRCTHY4
0xC0
RW
8A
DRC1_CTRL11
[7:0]
DRCGSATT
DRCGSDEC
0x88
RW
8B
DRC1_CTRL12
[7:0]
DRCHTNOR
DRCHTNG
0x7A
RW
8C
DRC1_CTRL13
[7:0]
RESERVED
DRCG
RESERVED
0xDF
RW
8D
DRC1_CTRL14
[7:0]
DRCNGTGT
DRCNGHDEN
DRCNGSRC
DRCCESRC
DRCLMSRC
DRCNGEN
DRCEN
0x20
RW
8E
DRC1_CTRL15
[7:0]
RESERVED
SIG_DET_RMS
SIG_DET_PK
0x00
RW
8F
DRC1_CTRL16
[7:0]
RESERVED
ALG_NGEN
DRCIRQ_MODE
DRCIRQ_EN
0x00
RW
90
DRC2_CTRL1
[7:0]
DRCNGREC
DRCLELTAV
0x78
RW
91
DRC2_CTRL2
[7:0]
DRCLELATT
DRCLELDEC
0x18
RW
92
DRC2_CTRL3
[7:0]
DRCTHX1
0x00
RW
93
DRC2_CTRL4
[7:0]
DRCTHX2
0x00
RW
94
DRC2_CTRL5
[7:0]
DRCTHX3
0x00
RW
95
DRC2_CTRL6
[7:0]
DRCTHX4
0xC0
RW
96
DRC2_CTRL7
[7:0]
DRCTHY1
0x00
RW
97
DRC2_CTRL8
[7:0]
DRCTHY2
0x00
RW
98
DRC2_CTRL9
[7:0]
DRCTHY3
0x00
RW
99
DRC2_CTRL10
[7:0]
DRCTHY4
0xC0
RW
9A
DRC2_CTRL11
[7:0]
DRCGSATT
DRCGSDEC
0x88
RW
9B
DRC2_CTRL12
[7:0]
DRCHTNOR
DRCHTNG
0x7A
RW
9C
DRC2_CTRL13
[7:0]
RESERVED
DRCG
RESERVED
0xDF
RW
9D
DRC2_CTRL14
[7:0]
DRCNGTGT
DRCNGHDEN
DRCNGSRC
DRCCESRC
DRCLMSRC
DRCNGEN
DRCEN
0x20
RW
9E
DRC2_CTRL15
[7:0]
RESERVED
SIG_DET_RMS
SIG_DET_PK
0x00
RW
9F
DRC2_CTRL16
[7:0]
RESERVED
ALG_NGEN
DRCIRQ_MODE
DRCIRQ_EN
0x00
RW
A0
DRC3_CTRL1
[7:0]
DRCNGREC
DRCLELTAV
0x78
RW
A1
DRC3_CTRL2
[7:0]
DRCLELATT
DRCLELDEC
0x18
RW
A2
DRC3_CTRL3
[7:0]
DRCTHX1
0x00
RW
A3
DRC3_CTRL4
[7:0]
DRCTHX2
0x00
RW
A4
DRC3_CTRL5
[7:0]
DRCTHX3
0x00
RW
A5
DRC3_CTRL6
[7:0]
DRCTHX4
0xC0
RW
A6
DRC3_CTRL7
[7:0]
DRCTHY1
0x00
RW
A7
DRC3_CTRL8
[7:0]
DRCTHY2
0x00
RW
A8
DRC3_CTRL9
[7:0]
DRCTHY3
0x00
RW
A9
DRC3_CTRL10
[7:0]
DRCTHY4
0xC0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com