Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 296 page
background image
ADAU1373
Rev. 0 | Page 50 of 296
PLL Mode
If using the PLL, set the dividers so that fPLL is within the range
of 45.158 MHz (1024 kHz × 44.1 kHz) to 49.152 MHz (1024 kHz ×
48 kHz).
fPLL = 256 × fS × (J + 1) × (K + 1)
Example 1—Using a PLL Sample Rate of 48 kHz
For a 48 kHz sample rate (fS), select the J and K such that fPLL is
within the range of 45 MHz to 50 MHz.
fPLL = 256 × D × 48,000
where D = (J + 1) × (K + 1).
For D = 3, fPLL = 36.864 MHz; for D = 4, fPLL = 49.152 MHz;
and for D = 5, fPLL = 61.44 MHz. Setting D = 4 ensures that fPLL
is within the PLL range of 45 MHz to 50 MHz.
To determine the divider values, there are two options, as follows:
•
By setting J = K = 1, then D = 4 because D = (J + 1) × (K + 1).
•
By setting J = 0, K = 3 also results in D = (J + 1) × (K + 1) = 4.
Example 2—Using a PLL Sample Rate of 44.1 kHz
For a 44.1 kHz sample rate (fS), select the J and K such that fPLL is
within the range of 45 MHz to 50 MHz.
fPLL = 256 × D × 44,100
where D = (J + 1) × (K + 1).
For D = 3, fPLL = 33.868 MHz; for D = 4, fPLL = 45.158 MHz; and
for D = 5, fPLL = 56.448 MHz. Setting D = 4 ensures that fPLL is
within the PLL range of 45 MHz to 50 MHz.
To determine the divider values, there are two options, as follows:
•
By setting J = K = 1, then D = 4 because X = (J + 1) × (K + 1).
•
By setting J = 0, K = 3 also results in D = (J + 1) × (K + 1) = 4.
Example 3—Using a PLL Sample Rate of 32 kHz
For a 32 kHz sample rate (fS), select the J and K such that fPLL is
within the range of 45 MHz to 50 MHz.
fPLL = 256 × D × 32,000
where D = (J + 1) × (K + 1).
For D =5, fPLL = 40.96 MHz; for D = 6, fPLL = 49.152 MHz; and
for D = 7, fPLL = 57.344 MHz. Setting D = 6 ensures that fPLL is
within the PLL range of 45 MHz to 50 MHz.
To determine the divider values, there are two options, as follows:
•
Setting J = 1 and K = 2 can result in D = 6.
•
Setting J = 0 and K = 5 also results in D = 6.
Step 3—Calculate APLL multiplier/dividers (X, R, N, M)
If using the analog PLL only, then fIN ≥ 8 MHz.
Next, using the fPLL calculated in Step 2, calculate the PLL X, R,
N, and M values.
For integer mode, use the following:
fPLL = (R/X) × fIN
N and M are ignored.
For fractional mode, use the following:
fPLL = fIN × (R + (N/M))/X
Select the values of R and X for integer mode or R, X, N, and M
for fractional mode.
If the available clock in the system (fIN) is known, and using the
PLL output frequency (fPLL) from Step 2, the values required for
X, R, N, and M for fractional mode or X and R for integer mode
can be calculated using the following equation:
(R/X) = fIN/fPLL (integer mode)
(R + N/M)/X = fIN/fPLL (fractional mode)
Wide selections are possible; refer to Table 11, Table 12, and
Table 13 for popular choices.
Step 4—Master Clock Output
The internal core clock, fCORE, can be made available at the
GPIO1/GPIO2/GPIO3/GPIO4 pins by setting Register 0xE3
or Register 0xE4. The master clock output frequency can
be set using the 5-bit divider (Register 0x41 for PLLA and
Register 0x43 for PLLB). Table 17 lists the registers that are
used to set the PLL, and Table 18 provides descriptions of the
48 bits that are used for PLL control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com