Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 296 page
background image
ADAU1373
Rev. 0 | Page 64 of 296
Worked Examples
The following examples illustrate how to calculate the coefficients
for the desired peak and low-pass/high-pass shelving filter.
Low-Pass Shelving Filter
If Band 6 is intended to operate as a low-pass shelving filter and
the cutoff frequency of the filter is 80 Hz, peak gain is 6 dB, and
input signal sampling frequency is 48 kHz, the coefficients are
as follows:
)
20
6
(
10
=
k
= 1.995262314968880
)
2
48000
80
cos(
))
2
48000
80
sin(
1
(
π
π
α
×
×
−
=
= 0.989582475318754
2
)
1
(
)
1
(
α
×
−
+
+
=
k
k
p0
= 1.005184084865251
2
)
1
(
)
1
(
α
×
+
−
−
=
k
k
p1
= −0.984398390453503
p2 = 0
d1 = α = 0.989582475318754
d2 = 0
1.
Transfer the coefficients to integer numbers:
p0 = round(1.005184084865251 × 8192) = 8234
p1 = round(−0.984398390453503 × 8192) = −8064
p2 = 0
d1 = round(0.989582475318754 × 8192) = 8107
d2 = 0
2.
Represent the integer coefficients by 16-bit, twos
complement hexadecimal values:
p0 = 16-bit 0x202A
p1 = 16-bit 0xE080
p2 = 16-bit 0x0000
d1 = 16-bit 0x1FAB
d2 = 16-bit 0x0000
3.
Therefore, the registers representing EQ1 coefficients
should be set as follows:
EQ6 COEF0M = 8’0x20, EQ6 COEF0L = 8’0x2A;
EQ6 COEF1M = 8’0xE0, EQ6 COEF1L = 8’0x80;
EQ6 COEF2M = 8’0x1F, EQ6 COEF2L = 8’0xAB
Peak Filter
If Band 1 is intended to operate as a peak filter with a filter center
frequency of 240 Hz, the bandwidth is 120 Hz, peak gain is 6 dB,
and the input signal sampling frequency is 48KHz, then the
coefficients are as follows:
)
20
6
(
10
=
k
= 1.995262314968880
)
2
4800
120
cos(
))
2
48000
120
sin(
1
(
π
π
α
×
×
−
=
= 0.984414127416097
)
2
48000
240
cos(
π
β
×
=
= 0.999506560365732
2
)
1
(
)
1
(
α
×
−
+
+
=
k
k
p0
= 1.007756015814333
p1 = −(1 + α) × β = −1.983434938834828
p2 =
2
)
1
(
)
1
(
α
×
+
+
−
k
k
= 0.976658111601764
d1 = (1 + α) × β = 1.983434938834828
d2 = − α = −0.984414127416097
1.
Transfer the coefficients to integer numbers:
p0 = round(1.007756015814333 × 8192) = 8256
p1 = round(−1.983434938834828 × 8192) = −16248
p2 = round(0.976658111601764 × 8192) = 8000
d1 = round(1.983434938834828 × 8192) = 16248
d2 = round(−0.984414127416097 × 8192) = −8064
2.
Represent the integer coefficients by 16-bit, twos
complement hexadecimal values:
p0 = 16-bit 0x2040
p1 = 16-bit 0x1F40
p2 = 16-bit 0x1F41
d1 = 16-bit 0x3F78
d2 = 16-bit 0xE080
3.
Therefore, the registers representing EQ1 coefficients
should be set as follows:
EQ1 COEF0M = 8’0x20, EQ1 COEF0L = 8’0x40;
EQ1 COEF1M = 8’0x1F, EQ1 COEF1L = 8’0x40;
EQ1 COEF2M = 8’0x1F, EQ1 COEF2L = 8’0x41;
EQ1 COEF3M = 8’0x3F, EQ1 COEF3L = 8’0x78;
EQ1 COEF4M = 8’0xE0, EQ1 COEF4L = 8’0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com