Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 296 page
background image
ADAU1373
Rev. 0 | Page 15 of 296
POWER CONSUMPTION
Table 3 lists some commonly used paths, as well as the typical current that is consumed by the part under quiescent conditions. The total
power consumed includes the power in the loads, as specified. TA = 25°C, line output load = 10 kΩ, headphone stereo = 16 Ω, speaker
load = 8 Ω + 33 μH, and earpiece = 32 Ω, audio port configured as the slave, fS = 48 kHz, MCLK = 12.288 MHz, unless otherwise specified.
Table 3.
Mode
AVDD
(V)
DVDD
(V)
HPVDD
(V)
SPKVDD
(V)
IOVDD
(V)
IAVDD
(mA)
IDVDD
(mA)
IHPVDD
(mA)
ISPKVDD
(mA)
IIOVDD
(mA)
Total
Power
(mW)
POWER-DOWN
No Clocks
1.62
1.08
1.62
2.5
1.62
0.008
0.01
0.001
0.0014
0.008
0.04184
1.8
1.2
1.8
3.6
1.8
0.012
0.011
0.0014
0.0035
0.008
0.06432
1.8
1.2
1.8
4.2
1.8
0.0124
0.011
0.0015
0.0055
0.008
0.07572
1.98
1.98
1.98
5.5
3.63
0.0178
0.0149
0.002
0.0147
0.008
0.178596
MCLKx = 12.288 MHz
1.62
1.08
1.62
2.5
1.62
0.032
0.19
0.001
0.0014
0.017
0.2897
1.8
1.2
1.8
3.6
1.8
0.0378
0.22
0.0014
0.0035
0.017
0.37776
1.8
1.2
1.8
4.2
1.8
0.0378
0.22
0.0015
0.0055
0.017
0.38844
1.98
1.98
1.98
5.5
3.63
0.045
0.4
0.002
0.0147
0.017
1.02762
POWER-UP
No Clocks (Default State)
1.62
1.08
1.62
2.5
1.62
0.31
0.046
0.0012
0.041
0.008
0.669284
1.8
1.2
1.8
3.6
1.8
0.32
0.0495
0.0018
0.065
0.008
0.88704
1.8
1.2
1.8
4.2
1.8
0.32
0.0495
0.0018
0.079
0.008
0.98484
1.98
1.98
1.98
5.5
3.63
0.34
0.083
0.0023
0.118
0.008
1.520134
1.62
1.08
1.62
2.5
1.62
0.34
0.23
0.0013
0.041
0.017
0.931346
1.8
1.2
1.8
3.6
1.8
0.35
0.256
0.0018
0.065
0.017
1.20504
1.8
1.2
1.8
4.2
1.8
0.35
0.256
0.0018
0.079
0.017
1.30284
MCLKx = 12.288 MHz,
PLL Bypassed
1.98
1.98
1.98
5.5
3.63
0.37
0.47
0.0023
0.118
0.017
2.378464
1.62
1.08
1.62
2.5
1.62
1.77
1.06
0.0013
0.041
1.72
6.903206
1.8
1.2
1.8
3.6
1.8
1.83
1.26
0.0018
0.065
1.72
8.13924
1.8
1.2
1.8
4.2
1.8
1.83
1.26
0.0018
0.079
1.72
8.23704
With Clocks (PLL Enabled,
LRCLKA = 48 kHz,
DPLL + APLL Enabled,
Master Mode)
1.98
1.98
1.98
5.5
3.63
1.91
2.34
0.0023
0.118
1.72
15.31215
ANALOG BYPASS
(NO CLOCKS)
1.62
1.08
1.62
2.5
1.62
1.62
0.045
0.0012
0.041
0.008
2.790404
1.8
1.2
1.8
3.6
1.8
1.66
0.049
0.0018
0.068
0.008
3.30924
1.8
1.2
1.8
4.2
1.8
1.66
0.049
0.0018
0.086
0.008
3.42564
Analog Input
→ Line
Output
1.98
1.98
1.98
5.5
3.63
1.72
0.083
0.0023
0.128
0.008
4.307534
1.62
1.08
1.62
2.5
1.62
1.33
0.045
1.35
0.041
0.008
4.50566
1.8
1.2
1.8
3.6
1.8
1.35
0.05
1.37
0.065
0.008
5.2044
1.8
1.2
1.8
4.2
1.8
1.35
0.05
1.37
0.079
0.008
5.3022
Analog Input
→
Headphone Output
1.98
1.98
1.98
5.5
3.63
1.37
0.083
1.39
0.118
0.008
6.30718
1.62
1.08
1.62
2.5
1.62
1.44
0.045
0.0012
3.58
0.008
11.3463
1.8
1.2
1.8
3.6
1.8
1.46
0.05
0.0018
4.47
0.008
18.79764
1.8
1.2
1.8
4.2
1.8
1.47
0.05
0.0018
4.92
0.008
23.38764
Analog Input
→
Speaker Output (Mono)
1.98
1.98
1.98
5.5
3.63
1.49
0.083
0.0023
5.94
0.008
35.81813
1.62
1.08
1.62
2.5
1.62
1.98
0.045
0.0012
5.67
0.008
17.4461
1.8
1.2
1.8
3.6
1.8
2.02
0.05
0.0018
7.17
0.008
29.52564
1.8
1.2
1.8
4.2
1.8
2.01
0.05
0.0018
7.99
0.008
37.25364
Analog Input
→
Speaker Output (Stereo)
1.98
1.98
1.98
5.5
3.63
2.04
0.083
0.0023
9.77
0.008
57.97213
1.62
1.08
1.62
2.5
1.62
0.89
0.045
0.0012
0.82
0.008
3.555304
1.8
1.2
1.8
3.6
1.8
0.91
0.049
0.0018
0.9
0.008
4.95444
1.8
1.2
1.8
4.2
1.8
0.91
0.049
0.0018
0.94
0.008
5.66244
Analog Input
→
Earpiece Output
1.98
1.98
1.98
5.5
3.63
0.92
0.083
0.0023
1.07
0.008
7.904534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com